Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4230 Datasheet(PDF) 6 Page - EPCOS

Part # B4230
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4230 Datasheet(HTML) 6 Page - EPCOS

  B4230 Datasheet HTML 1Page - EPCOS B4230 Datasheet HTML 2Page - EPCOS B4230 Datasheet HTML 3Page - EPCOS B4230 Datasheet HTML 4Page - EPCOS B4230 Datasheet HTML 5Page - EPCOS B4230 Datasheet HTML 6Page - EPCOS B4230 Datasheet HTML 7Page - EPCOS B4230 Datasheet HTML 8Page - EPCOS B4230 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Jul 10, 2002
SAW Components
B4230
942,5 / 1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 2 ( PCN )
Operating temperature range:
T
= -20 to +70˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
...1880,0
MHz
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
1805,0
...1880,0
MHz
1,5
1,8
dB
Input VSWR
1805,0
...1880,0
MHz
2,1
2,3
Output VSWR
1805,0
...1880,0
MHz
2,1
2,3
Attenuation
α
min
0,0
...1480,0
MHz
33
37
dB
1480,0
...1765,0
MHz
25
29
dB
1765,0
...1785,0
MHz
9
11
dB
1920,0
...1980,0
MHz
20
24
dB
1980,0
...4000,0
MHz
23
26
dB
4000,0
...5000,0
MHz
15
22
dB
5000,0
...6000,0
MHz
6
9
dB
Input reflection coefficient @ 942,5 MHz
Phase
-150
-140
-130
˚


Similar Part No. - B4230

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
   SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
B4232 EPCOS-B4232 Datasheet
138Kb / 9P
   SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
B4233 EPCOS-B4233 Datasheet
102Kb / 11P
   SAW Components ow-Loss Dual Band Filter for Mobile Communication 390,0 / 420,0 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B4234 EPCOS-B4234 Datasheet
124Kb / 10P
   Automotive telematics
More results

Similar Description - B4230

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4235 EPCOS-B4235 Datasheet
177Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5/1842,5 MHz
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B7652 EPCOS-B7652 Datasheet
88Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B4124 EPCOS-B4124 Datasheet
100Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7744 EPCOS-B7744 Datasheet
57Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com