Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4232 Datasheet(PDF) 2 Page - EPCOS

Part # B4232
Description  SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4232 Datasheet(HTML) 2 Page - EPCOS

  B4232 Datasheet HTML 1Page - EPCOS B4232 Datasheet HTML 2Page - EPCOS B4232 Datasheet HTML 3Page - EPCOS B4232 Datasheet HTML 4Page - EPCOS B4232 Datasheet HTML 5Page - EPCOS B4232 Datasheet HTML 6Page - EPCOS B4232 Datasheet HTML 7Page - EPCOS B4232 Datasheet HTML 8Page - EPCOS B4232 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Nov 3, 2004
SAW Components
B4232
769,0/860,5 MHz
Low-Loss ’2 in 1’ Filter for Mobile Communication
Data Sheet
1,0 1,0
0,5
1,0
bottom view
side view
top view
3,0
5
6
7
1
2
3
Ceramic package QCC8E
Features
s
Low-loss ‘2 in 1’ RF filter for Trunked Radio
s
Device with two integrated Rx filters
s
Low amplitude ripple
s
Usable passband filter 1: 19,0 MHz
s
Usable passband filter 2: 14,0 MHz
s
No matching network required for operation at
50
s
Package for Surface Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Pin configuration
1
Input (filter 1)
7
Output (filter 1)
3
Input (filter 2)
5
Output (filter 2)
2,6
Ground
4,8
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4232
B39861-B4232-H410
C61157-A7-A92
F61074-V8174-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
ESD voltage
V*ESD
100
V
Machine Model, 10 pulses
Source power (cw)
PS
15
dBm
source and load impedance 50
Dimensions in mm, approx. weight 0,027g
*-acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses


Similar Part No. - B4232

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
   SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
B4233 EPCOS-B4233 Datasheet
102Kb / 11P
   SAW Components ow-Loss Dual Band Filter for Mobile Communication 390,0 / 420,0 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B4234 EPCOS-B4234 Datasheet
124Kb / 10P
   Automotive telematics
More results

Similar Description - B4232

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4236 EPCOS-B4236 Datasheet
168Kb / 9P
   SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/809,5 MHz
B7848 EPCOS-B7848 Datasheet
58Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 860,5 MHz
B5013 EPCOS-B5013 Datasheet
95Kb / 7P
   SAW Components Low-Loss Filter 860,5 MHz
B3821 EPCOS-B3821 Datasheet
58Kb / 6P
   SAW Components Low-loss Filter 860,5 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com