Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4232 Datasheet(PDF) 4 Page - EPCOS

Part # B4232
Description  SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4232 Datasheet(HTML) 4 Page - EPCOS

  B4232 Datasheet HTML 1Page - EPCOS B4232 Datasheet HTML 2Page - EPCOS B4232 Datasheet HTML 3Page - EPCOS B4232 Datasheet HTML 4Page - EPCOS B4232 Datasheet HTML 5Page - EPCOS B4232 Datasheet HTML 6Page - EPCOS B4232 Datasheet HTML 7Page - EPCOS B4232 Datasheet HTML 8Page - EPCOS B4232 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Nov 3, 2004
SAW Components
B4232
769,0/860,5 MHz
Low-Loss ’2 in 1’ Filter for Mobile Communication
Data Sheet
Characteristics filter 1
Operating temperature range:
T
= -30 .. +70 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
860,5
MHz
Maximum insertion attenuation
α
max
851,0
... 870,0
MHz
2,4
2,7
dB
Amplitude ripple (p-p)
∆α
851,0
... 870,0
MHz
1,0
1,3
dB
Group delay ripple (p-p)
∆τ
851,0
... 870,0
MHz
30,0
50,0
ns
Return loss (Input and Output)
851,0
... 870,0
MHz
10,0
11,0
dB
Absolute attenuation
α
abs
0,1
... 483,0
MHz
57
60
dB
483,0
... 676,0
MHz
50
60
dB
676,0
... 724,0
MHz
40
64
dB
741,4
... 773,0
MHz
30
59
dB
804,0
... 822,0
MHz
20
42
dB
880,0
MHz
4
7
dB
898,0
... 918,0
MHz
20
38
dB
946,0
... 967,0
MHz
30
59
dB
1040,0
... 1070,0
MHz
46
54
dB
1070,0
... 1256,0
MHz
43
50
dB
1256,0
... 2000,0
MHz
30
40
dB
Temperature coefficient of frequency
TCf
– 36
ppm/K


Similar Part No. - B4232

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
   SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
B4233 EPCOS-B4233 Datasheet
102Kb / 11P
   SAW Components ow-Loss Dual Band Filter for Mobile Communication 390,0 / 420,0 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B4234 EPCOS-B4234 Datasheet
124Kb / 10P
   Automotive telematics
More results

Similar Description - B4232

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4236 EPCOS-B4236 Datasheet
168Kb / 9P
   SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/809,5 MHz
B7848 EPCOS-B7848 Datasheet
58Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 860,5 MHz
B5013 EPCOS-B5013 Datasheet
95Kb / 7P
   SAW Components Low-Loss Filter 860,5 MHz
B3821 EPCOS-B3821 Datasheet
58Kb / 6P
   SAW Components Low-loss Filter 860,5 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com