Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4233 Datasheet(PDF) 2 Page - EPCOS

Part # B4233
Description  SAW Components ow-Loss Dual Band Filter for Mobile Communication 390,0 / 420,0 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4233 Datasheet(HTML) 2 Page - EPCOS

  B4233 Datasheet HTML 1Page - EPCOS B4233 Datasheet HTML 2Page - EPCOS B4233 Datasheet HTML 3Page - EPCOS B4233 Datasheet HTML 4Page - EPCOS B4233 Datasheet HTML 5Page - EPCOS B4233 Datasheet HTML 6Page - EPCOS B4233 Datasheet HTML 7Page - EPCOS B4233 Datasheet HTML 8Page - EPCOS B4233 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Jan 26, 2006
SAW Components
B4233
390,0 / 420,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Ceramic package QCC8C
Features
s
Low-loss filter for TETRA
s
Usable passband: 20 MHz
s
Ceramic
package
for
Surface
Mounted
Technology (SMT)
s
RoHS compliant
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,10 g
Pin configuration
1
Input [Filter 1]
3
Input [Filter 2]
5
Output [Filter 2]
7
Output [Filter 1]
2, 6
To be grounded
4, 8
Case ground
Electrostatic Sensitive Device (ESD)
*-acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B4233
B39421-B4233-U310
C61157-A7-A56
F61074-V8070-Z000
Maximum ratings
Operable temperature range
T
– 30 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
3V
ESD voltage
V*ESD
100*
V
Machine Model, 10 pulses
Source power (CW)
PS
12
dBm


Similar Part No. - B4233

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
   SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
B4232 EPCOS-B4232 Datasheet
138Kb / 9P
   SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B4234 EPCOS-B4234 Datasheet
124Kb / 10P
   Automotive telematics
More results

Similar Description - B4233

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4184 EPCOS-B4184 Datasheet
93Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 2017.5 MHz
B7652 EPCOS-B7652 Datasheet
88Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4223 EPCOS-B4223 Datasheet
135Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B7653 EPCOS-B7653 Datasheet
84Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4226 EPCOS-B4226 Datasheet
138Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B9309 EPCOS-B9309 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com