Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4233 Datasheet(PDF) 3 Page - EPCOS

Part # B4233
Description  SAW Components ow-Loss Dual Band Filter for Mobile Communication 390,0 / 420,0 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4233 Datasheet(HTML) 3 Page - EPCOS

  B4233 Datasheet HTML 1Page - EPCOS B4233 Datasheet HTML 2Page - EPCOS B4233 Datasheet HTML 3Page - EPCOS B4233 Datasheet HTML 4Page - EPCOS B4233 Datasheet HTML 5Page - EPCOS B4233 Datasheet HTML 6Page - EPCOS B4233 Datasheet HTML 7Page - EPCOS B4233 Datasheet HTML 8Page - EPCOS B4233 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Jan 26, 2006
SAW Components
B4233
390,0 / 420,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 1
Operating temperature range:
T = +25˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
390,0
MHz
Maximum insertion attenuation
α
max
380,0
... 400,0
MHz
1,9
2,2
dB
Amplitude ripple (p-p)
∆α
380,0
... 400,0
MHz
0,7
1,1
dB
Input return loss
380,0
... 400,0
MHz
10,0
11,0
dB
Output return loss
380,0
... 400,0
MHz
10,0
12,0
dB
Attenuation
α
abs
0,1
... 150,0
MHz
35,0
42,0
dB
190,0
... 200,0
MHz
30,0
41,0
dB
228,0
... 250,0
MHz
30,0
41,0
dB
252,0
... 275,0
MHz
30,0
39,0
dB
275,0
... 287,0
MHz
33,0
37,0
dB
304,0
... 320,0
MHz
30,0
34,0
dB
320,0
... 335,0
MHz
30,0
33,0
dB
342,0
... 360,0
MHz
20,0
25,0
dB
418,0
... 440,0
MHz
20,0
22,0
dB
442,0
... 455,0
MHz
25,0
31,0
dB
456,0
... 480,0
MHz
30,0
39,0
dB
492,0
... 531,0
MHz
30,0
42,0
dB
532,0
... 560,0
MHz
33,0
39,0
dB
570,0
... 600,0
MHz
25,0
35,0
dB
632,0
... 668,0
MHz
35,0
46,0
dB
684,0
...1000,0
MHz
27,0
34,0
dB


Similar Part No. - B4233

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
   SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
B4232 EPCOS-B4232 Datasheet
138Kb / 9P
   SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B4234 EPCOS-B4234 Datasheet
124Kb / 10P
   Automotive telematics
More results

Similar Description - B4233

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4184 EPCOS-B4184 Datasheet
93Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 2017.5 MHz
B7652 EPCOS-B7652 Datasheet
88Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4223 EPCOS-B4223 Datasheet
135Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B7653 EPCOS-B7653 Datasheet
84Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4226 EPCOS-B4226 Datasheet
138Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B9309 EPCOS-B9309 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com