Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4235 Datasheet(PDF) 2 Page - EPCOS

Part # B4235
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5/1842,5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4235 Datasheet(HTML) 2 Page - EPCOS

  B4235 Datasheet HTML 1Page - EPCOS B4235 Datasheet HTML 2Page - EPCOS B4235 Datasheet HTML 3Page - EPCOS B4235 Datasheet HTML 4Page - EPCOS B4235 Datasheet HTML 5Page - EPCOS B4235 Datasheet HTML 6Page - EPCOS B4235 Datasheet HTML 7Page - EPCOS B4235 Datasheet HTML 8Page - EPCOS B4235 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
July 14, 2005
SAW Components
B4235
942,5/1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Ceramic package QCC10G
bottom view
side view
top view
10
12
3
5
9
8
7
6
4
0,4
0,5
0,8
0,45
3,0
Features
s
Low-loss RF filter for mobile telephone GSM
900/1800 system , receive path
s
Usable passband:
Filter 1 (GSM900):
35 MHz
Filter 2 (GSM1800): 75 MHz
s
Unbalanced to balanced operation of both filters
s
Impedance transformation from 50
Ω to 150 Ω
for both filters
s
Suitable for GPRS class 1 to 12
s
Ceramic
package
for
Surface
Mounted
Technology (SMT)
s
RoHS compliant
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 27 mg
Pin configuration
1, 2
Output, balanced [ Filter 1 ]
3, 4
Output, balanced [ Filter 2]
6
Input [ Filter 2]
7,8
Case ground
9
Input [ Filter 1 ]
5, 10
Case ground
Electrostatic Sensitive Device (ESD)
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B4235
B39182-B4235-H910
C61157-A7-A142
F61074-V8174-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / +85
˚C
DC voltage
VDC
5V
ESD voltage
VESD*
50
V
Machine Model, 10 pulses
Input power at
Tx bands:
GSM850, GSM900
PIN
15
dBm
peak power of GSM signal,
GSM1800, GSM1900
duty cycle 4:8
9
6
5, 10
4
3
2
1
8
7 ,


Similar Part No. - B4235

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4235 EPCOS-B4235 Datasheet
118Kb / 11P
   Automotive telematics
B4235 EPCOS-B4235 Datasheet
122Kb / 11P
   SAW RF filter Automotive telematics
B4235 EPCOS-B4235_1 Datasheet
118Kb / 11P
   Automotive telematics
B4235 EPCOS-B4235_11 Datasheet
122Kb / 11P
   SAW RF filter Automotive telematics
More results

Similar Description - B4235

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B7652 EPCOS-B7652 Datasheet
88Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B4124 EPCOS-B4124 Datasheet
100Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7744 EPCOS-B7744 Datasheet
57Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com