Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA1504T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA1504T
Description  Safety IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA1504T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA1504T Datasheet HTML 7Page - NXP Semiconductors SAA1504T Datasheet HTML 8Page - NXP Semiconductors SAA1504T Datasheet HTML 9Page - NXP Semiconductors SAA1504T Datasheet HTML 10Page - NXP Semiconductors SAA1504T Datasheet HTML 11Page - NXP Semiconductors SAA1504T Datasheet HTML 12Page - NXP Semiconductors SAA1504T Datasheet HTML 13Page - NXP Semiconductors SAA1504T Datasheet HTML 14Page - NXP Semiconductors SAA1504T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2000 Mar 07
11
Philips Semiconductors
Objective specification
Safety IC
SAA1504T
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03
MS-012
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.050
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
97-05-22
99-12-27


Similar Part No. - SAA1504T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1501 PHILIPS-SAA1501 Datasheet
372Kb / 20P
   Battery charge level indicator
December 1994
SAA1501T PHILIPS-SAA1501T Datasheet
372Kb / 20P
   Battery charge level indicator
December 1994
SAA1502ATS PHILIPS-SAA1502ATS Datasheet
108Kb / 20P
   Safety IC for Li-ion
1998 Jan 15
More results

Similar Description - SAA1504T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1502ATS PHILIPS-SAA1502ATS Datasheet
108Kb / 20P
   Safety IC for Li-ion
1998 Jan 15
logo
IC-Haus GmbH
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
logo
Texas Instruments
TPS65311-Q1 TI1-TPS65311-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   High-Voltage Power-Management IC for Automotive Safety Applications
TPS65310A-Q1 TI1-TPS65310A-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   High-Voltage Power-Management IC For Automotive Safety Applications
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
412Kb / 44P
[Old version datasheet]   3 Phase Motor Driver-IC for Automotive Safety Applications
logo
ON Semiconductor
NCV97400 ONSEMI-NCV97400 Datasheet
791Kb / 28P
   Automotive Multi-Output Power Management IC (PMIC) for Safety Applications
March, 2019 ??Rev. 0
logo
Texas Instruments
TPS653860-Q1 TI-TPS653860-Q1 Datasheet
1Mb / 15P
[Old version datasheet]   TPS653860/61-Q1 Power Management IC For Safety-Relevant Applications
OCTOBER 2023
logo
Allegro MicroSystems
A1342 ALLEGRO-A1342 Datasheet
1Mb / 48P
   Programmable Linear Hall IC with Advanced Diagnostics for Safety-Critical Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com