Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA555 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPA555
Description  20A / 1000 - 1200V SiC SCHOTTKY SINGLE PHASE BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPA555 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPA555 Datasheet HTML 1Page - Solid States Devices, Inc SPA555 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPA555 Series
Electrical Characteristic 5/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300 - 500 µsec pulse)
IF = 2.0 A
IF = 5.0 A
IF = 10 A
VF1
VF2
VF3
––
––
1.20
1.50
2.10
1.30
1.75
2.50
VDC
Instantaneous Forward Voltage Drop
(300 - 500
µsec pulse)
TA= -55ºC, IF = 5 A
TA= 150 ºC, IF = 5 A
VF4
VF5
––
––
1.35
2.30
1.50
2.80
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 µsec pulse minimum)
IR1
––
20
250
µA
Reverse Leakage Current
(Rated VR, TA = 150ºC, 300 µsec pulse minimum)
IR2
––
100
1000
µA
Junction Capacitance
(VR = 10V, f = 1MHz, TA = 25°C)
CJ
––
280
320
pF
NOTES:
* Pulse Test: Pulse Width = 300
µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ Electrical Characteristic per Leg
4/ Derate Linearly at 0.28A/ºC for TC > 55ºC.
5/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Available Part Numbers:
SPA555M; SPA555ML; SPA555MSM
SPA555N; SPA555NL; SPA555NSM
Terminal Details
SPA555 (SM)
SPA555 (L)
Terminals are spaced at .650” square
Leads are spaced at .250”
Terminals are spaced at .650” square
Mounting Diagram: 2/
SPA555 ( )


Similar Part No. - SPA555

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA555 SSDI-SPA555 Datasheet
120Kb / 2P
   SiC SCHOTTKY SINGLE PHASE BRIDGE
SPA555M SSDI-SPA555M Datasheet
120Kb / 2P
   SiC SCHOTTKY SINGLE PHASE BRIDGE
SPA555N SSDI-SPA555N Datasheet
120Kb / 2P
   SiC SCHOTTKY SINGLE PHASE BRIDGE
SPA555 SSDI-SPA555_1 Datasheet
120Kb / 2P
   SiC SCHOTTKY SINGLE PHASE BRIDGE
More results

Similar Description - SPA555

ManufacturerPart #DatasheetDescription
logo
UnitedSiC.
UJ2D1220K UNITEDSIC-UJ2D1220K Datasheet
520Kb / 4P
   20A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ3D1220K2 UNITEDSIC-UJ3D1220K2 Datasheet
319Kb / 6P
   20A -1200V SiC Schottky Diode
Rev. B, April 2020
UJ3D1220KSD UNITEDSIC-UJ3D1220KSD Datasheet
329Kb / 6P
   20A -1200V SiC Schottky Diode
Rev. C, February 2020
logo
Solid States Devices, I...
SPA555 SSDI-SPA555_1 Datasheet
120Kb / 2P
   SiC SCHOTTKY SINGLE PHASE BRIDGE
logo
Chip Integration Techno...
SIC20C65 CITC-SIC20C65 Datasheet
1Mb / 4P
   20A SiC Schottky Diode
logo
UnitedSiC.
UJ2D1230K UNITEDSIC-UJ2D1230K Datasheet
517Kb / 4P
   30A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ3D1250K2 UNITEDSIC-UJ3D1250K2 Datasheet
315Kb / 6P
   50A -1200V SiC Schottky Diode
Rev. B, April 2020
UJ3D1210K2 UNITEDSIC-UJ3D1210K2 Datasheet
310Kb / 6P
   10A -1200V SiC Schottky Diode
Rev. B, April 2020
UJ3D1210KS UNITEDSIC-UJ3D1210KS Datasheet
326Kb / 6P
   10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210TS UNITEDSIC-UJ3D1210TS Datasheet
311Kb / 6P
   10A -1200V SiC Schottky Diode
Rev. C, February 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com