Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39850-B4956-Z710 Datasheet(PDF) 3 Page - EPCOS

Part # B39850-B4956-Z710
Description  SAW Components Low-Loss Filter for Mobile Communication 85,38 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39850-B4956-Z710 Datasheet(HTML) 3 Page - EPCOS

  B39850-B4956-Z710 Datasheet HTML 1Page - EPCOS B39850-B4956-Z710 Datasheet HTML 2Page - EPCOS B39850-B4956-Z710 Datasheet HTML 3Page - EPCOS B39850-B4956-Z710 Datasheet HTML 4Page - EPCOS B39850-B4956-Z710 Datasheet HTML 5Page - EPCOS B39850-B4956-Z710 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 11, 2005
SAW Components
B4956
85,38 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= –35˚C .. +85 ˚C
Terminating source impedance:
ZS = 1570 Ω || 361 nH
Terminating load impedance:
ZL = 500 Ω || 258 nH
min.
typ.
max.
Nominal frequency
fN
85,38
MHz
Minimum insertion attenuation
α
min
9,0
10,8
dB
(without loss in matching network)
Minimum insertion attenuation
α
min
11,3
12,8
dB
(with loss in matching network according to figure 1)
Amplitude ripple
∆α
fN – 0,3 MHz
...
fN + 0,3 MHz
0,4
1,0
dB
Phase linearity (rms deviation)
fN – 0,615 MHz ...
fN + 0,615 MHz
2,0
3,5
˚
Relative attenuation (relative to
α
min)
α
rel
fN ± 0,63 MHz
4,5
5,0
dB
fN – 0,9 MHz
36
40
dB
fN + 0,9 MHz
36
42
dB
fN – 1,7 MHz
37
42
dB
fN + 1,7 MHz
37
48
dB
fN – 9,0 MHz
...
fN – 3,0 MHz
39
42
dB
fN – 3,0 MHz
...
fN – 1,7 MHz
37
42
dB
fN – 1,7 MHz
...
fN – 0,9 MHz
35
38
dB
fN + 0,9 MHz
...
fN + 1,7 MHz
34
40
dB
fN + 1,7 MHz
...
fN + 7,0 MHz
33
36
dB
fN + 7,0 MHz
...
fN + 9,0 MHz
40
46
dB


Similar Part No. - B39850-B4956-Z710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39850-B4943-U910 EPCOS-B39850-B4943-U910 Datasheet
103Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 85,38 MHz
More results

Similar Description - B39850-B4956-Z710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4943 EPCOS-B4943 Datasheet
103Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 85,38 MHz
B4874 EPCOS-B4874 Datasheet
89Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 85,38 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com