Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4957 Datasheet(PDF) 7 Page - EPCOS

Part # B4957
Description  SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4957 Datasheet(HTML) 7 Page - EPCOS

  B4957 Datasheet HTML 1Page - EPCOS B4957 Datasheet HTML 2Page - EPCOS B4957 Datasheet HTML 3Page - EPCOS B4957 Datasheet HTML 4Page - EPCOS B4957 Datasheet HTML 5Page - EPCOS B4957 Datasheet HTML 6Page - EPCOS B4957 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6
Mar 02, 2004
SAW Components
B4957
128,1 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Published by EPCOS AG
Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY
v ++49 89 636 09, FAX (0 89) 636-2 26 89
© EPCOS AG 2004. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B4957

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4953 EPCOS-B4953 Datasheet
80Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 380,00 MHz
logo
SHENZHEN DOINGTER SEMIC...
B4953 DOINGTER-B4953 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET uses advanced trench technology
logo
EPCOS
B4955 EPCOS-B4955 Datasheet
92Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 183,6 MHz
B4956 EPCOS-B4956 Datasheet
118Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 85,38 MHz
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
More results

Similar Description - B4957

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com