Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5033 Datasheet(PDF) 7 Page - EPCOS

Part # B5033
Description  SAW Components Low-Loss Filter for WiMAX 556.00 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5033 Datasheet(HTML) 7 Page - EPCOS

  B5033 Datasheet HTML 1Page - EPCOS B5033 Datasheet HTML 2Page - EPCOS B5033 Datasheet HTML 3Page - EPCOS B5033 Datasheet HTML 4Page - EPCOS B5033 Datasheet HTML 5Page - EPCOS B5033 Datasheet HTML 6Page - EPCOS B5033 Datasheet HTML 7Page - EPCOS B5033 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Dec 19, 2005
B5033
556.00 MHz
SAW Components
Low-Loss Filter for WiMAX
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Type
B5033
Ordering code
B39561-B5033-H810
Marking and Package
C61157-A7-A103
Packaging
F61074-V8170-Z000
Date Codes
L_1126
S-Parameters
Soldering profile
S_6001
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2005. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B5033

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
B503 MIC-B503 Datasheet
46Kb / 2P
   BLOCK TYPE AUTOMOTIVE PECTIFIER
B503-N MIC-B503-N Datasheet
46Kb / 2P
   BLOCK TYPE AUTOMOTIVE PECTIFIER
B503-P MIC-B503-P Datasheet
46Kb / 2P
   BLOCK TYPE AUTOMOTIVE PECTIFIER
logo
EPCOS
B5032 EPCOS-B5032 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter 456.00 MHz
B5032 EPCOS-B5032 Datasheet
78Kb / 7P
   WiMAX
More results

Similar Description - B5033

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5011 EPCOS-B5011 Datasheet
83Kb / 8P
   SAW Components Low-Loss Filter for WiMAX 456.00 MHz
logo
Murata Manufacturing Co...
SF2126E MURATA-SF2126E Datasheet
248Kb / 4P
   Low-loss SAW Filter for Wimax Application
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com