Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7630 Datasheet(PDF) 2 Page - EPCOS

Part # B7630
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7630 Datasheet(HTML) 2 Page - EPCOS

  B7630 Datasheet HTML 1Page - EPCOS B7630 Datasheet HTML 2Page - EPCOS B7630 Datasheet HTML 3Page - EPCOS B7630 Datasheet HTML 4Page - EPCOS B7630 Datasheet HTML 5Page - EPCOS B7630 Datasheet HTML 6Page - EPCOS B7630 Datasheet HTML 7Page - EPCOS B7630 Datasheet HTML 8Page - EPCOS B7630 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Jun 09, 2005
SAW Components
B7630
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
bottom view
side view
top view
12
3
9
87
1,6
3,8
0,5
0
0
0
1
1
1
1,2
13
Chip sized SAW package QCS12H
Features
s
Low-loss duplexer for cellular band mobile tele-
phone systems
s
50
Ω ports by integrated matching network
s
Multifunctional ceramic base material for Sur-
face Mounted Technology (SMT)
s
Small size and low height
s
RoHS compliant
Dimensions in mm, approx. weight 0,08 g
Pin configuration
11
TX Input
5
RX Output
8
Antenna
1, 2, 3, 4, 6
Ground
7, 9, 10, 12, 13 Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7630
B39881-B7630-P910
C61157-A3-A18
F61074-V8187-Z000
Maximum ratings
Operable temperature range
T
– 30/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5V
ESD voltage
VESD
250
V
MM, JESD22-A115-A
VESD
500
V
HMB, JESD22-A114-B
Input power max.
824,0 ... 849,0 MHz
elsewhere
PIN
30
10
dBm
dBm
source and load impedance 50
continuous
wave
1,2,3,4,6
7,9,10,12,13
8
5
11
}


Similar Part No. - B7630

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
More results

Similar Description - B7630

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7637 EPCOS-B7637 Datasheet
104Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7639 EPCOS-B7639 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4224 EPCOS-B4224 Datasheet
116Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4228 EPCOS-B4228 Datasheet
137Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4229 EPCOS-B4229 Datasheet
106Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7638 EPCOS-B7638 Datasheet
104Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4132 EPCOS-B4132 Datasheet
127Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7748 EPCOS-B7748 Datasheet
66Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B4122 EPCOS-B4122 Datasheet
98Kb / 4P
   SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com