Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7630 Datasheet(PDF) 6 Page - EPCOS

Part # B7630
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7630 Datasheet(HTML) 6 Page - EPCOS

Back Button B7630 Datasheet HTML 2Page - EPCOS B7630 Datasheet HTML 3Page - EPCOS B7630 Datasheet HTML 4Page - EPCOS B7630 Datasheet HTML 5Page - EPCOS B7630 Datasheet HTML 6Page - EPCOS B7630 Datasheet HTML 7Page - EPCOS B7630 Datasheet HTML 8Page - EPCOS B7630 Datasheet HTML 9Page - EPCOS B7630 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Jun 09, 2005
SAW Components
B7630
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range
T
= -30 to 85˚C
ANT terminating impedance
ZANT =50 Ω
RX terminating impedance
ZRX =50 Ω
TX terminating impedance
ZTX =50 Ω
Characteristics ANT - RX
min.
typ.
max.
Center frequency
fc
881,50
MHz
Maximum insertion attenuation
α
max
869,00 ...
894,00 MHz
2,8
3,5
dB
Amplitude ripple (p-p)
∆α
869,00 ...
894,00 MHz
1,1
1,7
dB
Return loss
ANT - Port
869,00 ...
894,00 MHz
7,5
8,0
dB
RX - Port
869,00 ...
894,00 MHz
9,0
10,0
dB
Attenuation
α
779,00 ...
804,00 MHz
35
41
dB
824,00 ...
849,00 MHz
53,5
56
dB
954,00 ... 1700,00 MHz
35
40
dB
1700,00 ... 2400,00 MHz
35
44
dB
2400,00 ... 2500,00 MHz
30
42
dB
2500,00 ... 3000,00 MHz
25
38
dB
TX band phase @ RX port reference plane
824,00 ... 849,00 MHz
150 -
220
˚
Characteristics TX - RX
min.
typ.
max.
Isolation between TX and RX path
α
824,00 ...
849,00 MHz
54
59
dB
869,00 ...
894,00 MHz
46
49
dB
1648,00 ... 1698,00 MHz
45
55
dB


Similar Part No. - B7630

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
More results

Similar Description - B7630

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7637 EPCOS-B7637 Datasheet
104Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7639 EPCOS-B7639 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4224 EPCOS-B4224 Datasheet
116Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4228 EPCOS-B4228 Datasheet
137Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4229 EPCOS-B4229 Datasheet
106Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7638 EPCOS-B7638 Datasheet
104Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4132 EPCOS-B4132 Datasheet
127Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7748 EPCOS-B7748 Datasheet
66Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B4122 EPCOS-B4122 Datasheet
98Kb / 4P
   SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com