Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR68C192CV Datasheet(PDF) 10 Page - Exar Corporation

Part # XR68C192CV
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C192CV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR68C192CV Datasheet HTML 6Page - Exar Corporation XR68C192CV Datasheet HTML 7Page - Exar Corporation XR68C192CV Datasheet HTML 8Page - Exar Corporation XR68C192CV Datasheet HTML 9Page - Exar Corporation XR68C192CV Datasheet HTML 10Page - Exar Corporation XR68C192CV Datasheet HTML 11Page - Exar Corporation XR68C192CV Datasheet HTML 12Page - Exar Corporation XR68C192CV Datasheet HTML 13Page - Exar Corporation XR68C192CV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
XR68C92/192
10
Rev. 1.33
A start-break is deferred as long as the transmitter has
characters to send, but if normal character transmis-
sion is inhibited by CTS, the start-break will proceed.
The start-break must be terminated by a stop-break or
a TX disable + TX reset before normal character
transmission can resume.
The channel A and B transmitters are enabled for data
transmission through their respective command regis-
ters (see CRA, CRB bits 3:2). The transmit FIFO
trigger levels (see MR0A, MR0B bits 4 and 5) are used
to generate an interrupt request to the CPU on the -INT
pin. This is also reflected in the Interrupt Status Regis-
ter, ISR bit-0 for channel A and bit-4 for channel B. This
is different from the TxRDY bit in the status register.
The TxRDY bit in the status register (SRA, SRB bit-2)
indicates if the TX FIFO has at least one empty
location. This can also be programmed to appear at
the output pin OP6/OP7. The TxEMT bit (SRA, SRB
bit-3) indicates if both the TX FIFO and the TX Shift
Register are empty.
The transmitter can be reset through a software com-
mand (CRA, CRB bits 7:4). If it is reset, operation
ceases immediately and must be enabled through the
command register before resuming operation. Reset
also discards any characters in the FIFO.
RECEIVER
The channel A and B receivers are enabled for data
reception through the respective channels command
register (CRA, CRB bits 1:0). The channels receiver
looks for the high-to-low (mark-to-space) transition of
a start bit on the receiver serial-data input pin. If
operating in 16X clock mode, the serial input data is re-
sampled on the next 7 clocks. If the receiver serial data
is sampled high, the start bit is invalid and the search
for a valid start bit begins again. If receiver serial data
is still low, a valid start bit is assumed and the receiver
continues to sample the input at one bit time intervals
(at the theoretical center of the bit) until the proper
number of data bits and the parity bit (if any) have been
assembled and one stop bit has been detected. If an 1X
clock is used, data is sampled at one bit time intervals
throughout, including the start bit. Data on the receiver
serial data input pin is sampled on the rising edge of the
programmed clock source (XTAL1, IP4 or IP6: see
CSR bits 7:4).
In this process, the least significant bit is received first.
The receiver buffer is composed of the FIFO (8/16
locations in XR68C92/192 respectively) and a receive
shift register connected to the receiver serial-data
input. Data is assembled in the shift register and
loaded into the bottom most empty FIFO location. If the
character length is less than eight bits, the most
significant unused bits are set to zero.
If the stop bit is sampled as a 1, the receiver will
immediately look for the next start bit. However, if the
stop bit is sampled as a 0, either a framing error or a
received break has occurred. If the stop bit is 0 and the
data and parity (if any) are not all zero, it is a framing
error. The damaged character is transferred to the
FIFO with the framing error flag set. If the receiver
serial data remains low for one-half of the bit period
after the stop bit was sampled, the receiver operates as
if a new start bit transition has been detected. If the stop
bit is 0 and the data and parity (if any) bits are also all
zero, it is a break. A character consisting of all zeros will
be loaded into the the FIFO with the received-break bit
(but not the framing error bit) set to one. The receiver
serial-data input must return to a high condition for at
least one-half bit time before a search for the next start
bit begins. Also, at this time, the received break bit is
reset.
The receiver can detect a break that starts in the middle
of a character provided the break persists completely
through the next character time or longer. When the
break begins in the middle of a character, the receiver
will place the damaged character in the FIFO with the
framing error bit set. Then, provided the break persists
through the next character time, the receiver will also
place an all-zero character in the FIFO with the re-
ceived-break bit set. The parity error, framing error,
overrun error, and received-break conditions (if any)
set error and break flags in the status register at the
received character boundary and are valid only when
the receiver-ready bit (RXRDY) in the status register is
set.
The receiver-ready bit in the status register (SRA, SRB
bit-0) is set whenever one or more characters are
available to be read by the CPU. A read of the receiver
buffer produces an output of data from the top of the
FIFO stack. After the read cycle, the data at the top of
the FIFO stack and its associated status bits are
“popped” and new data can be added at the bottom of
the stack by the receive shift register. The FIFO-full
status bit (SRA, SRB bit-1) is set if all 8 (or 16) stack
positions are filled with data. Either the receiver-ready


Similar Part No. - XR68C192CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR68C192CV EXAR-XR68C192CV Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR68C192CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92_05 Datasheet
180Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92 Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com