Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7637 Datasheet(PDF) 3 Page - EPCOS

Part # B7637
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7637 Datasheet(HTML) 3 Page - EPCOS

  B7637 Datasheet HTML 1Page - EPCOS B7637 Datasheet HTML 2Page - EPCOS B7637 Datasheet HTML 3Page - EPCOS B7637 Datasheet HTML 4Page - EPCOS B7637 Datasheet HTML 5Page - EPCOS B7637 Datasheet HTML 6Page - EPCOS B7637 Datasheet HTML 7Page - EPCOS B7637 Datasheet HTML 8Page - EPCOS B7637 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Oct 20, 2005
SAW Components
B7637
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range
T
=25 + 2˚C
Terminating impedance
ZANT =50 Ω ; ZRX = 50 Ω ; ZTX = 50 Ω
Characteristics TX - ANT
min.
typ.
max.
Center frequency
fc
836,50
MHz
Maximum insertion attenuation
α
max
824,00 ... 849,00 MHz
1,8
2,1
dB
Amplitude ripple (p-p)
∆α
824,00 ... 849,00 MHz
0,8
1,1
dB
Return loss
824,00 ... 849,00 MHz
10
12
dB
Attenuation
α
100,00 ... 698,00 MHz
35
39
dB
698,00 ... 746,00 MHz
36
38
dB
746,00 ... 804,00 MHz
30
38
dB
869,00 ... 894,00 MHz
46
50
dB
954,00 ... 1570,00 MHz
30
36
dB
1570,00 ... 1698,00 MHz
40
50
dB
1698,00 ... 2547,00 MHz
30
38
dB
2547,00 ... 3000,00 MHz
20
27
dB
Characteristics ANT - RX
min.
typ.
max.
Center frequency
fc
881,50
MHz
Maximum insertion attenuation
α
max
869,00 ...
894,00 MHz
2,2
2,6
dB
Amplitude ripple (p-p)
∆α
869,00 ...
894,00 MHz
0,9
1,3
dB
Return loss
869,00 ...
894,00 MHz
911
dB
Attenuation
α
100,00 ...
804,00 MHz
35
43
dB
824,00 ...
849,00 MHz
54
61
dB
954,00 ... 1648,00 MHz
35
45
dB
1648,00 ... 1698,00 MHz
40
51
dB
1698,00 ... 2547,00 MHz
40
50
dB
2547,00 ... 3000,00 MHz
35
45
dB
TX band phase @ RX port reference plane
824,00 ... 849,00 MHz
130
230
degree


Similar Part No. - B7637

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
logo
Kemet Corporation
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
More results

Similar Description - B7637

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7639 EPCOS-B7639 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4224 EPCOS-B4224 Datasheet
116Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4228 EPCOS-B4228 Datasheet
137Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4229 EPCOS-B4229 Datasheet
106Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7638 EPCOS-B7638 Datasheet
104Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4132 EPCOS-B4132 Datasheet
127Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7748 EPCOS-B7748 Datasheet
66Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B4122 EPCOS-B4122 Datasheet
98Kb / 4P
   SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com