Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR88C681 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR88C681
Description  CMOS Dual Channel UART (DUART)
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C681 Datasheet(HTML) 5 Page - Exar Corporation

  XR88C681 Datasheet HTML 1Page - Exar Corporation XR88C681 Datasheet HTML 2Page - Exar Corporation XR88C681 Datasheet HTML 3Page - Exar Corporation XR88C681 Datasheet HTML 4Page - Exar Corporation XR88C681 Datasheet HTML 5Page - Exar Corporation XR88C681 Datasheet HTML 6Page - Exar Corporation XR88C681 Datasheet HTML 7Page - Exar Corporation XR88C681 Datasheet HTML 8Page - Exar Corporation XR88C681 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 101 page
background image
XR88C681
5
Rev. 2.11
44 PLCC
40 PDIP,
CDIP
28 PDIP
Symbol
Type
Description
14
12
9
OP1
(-RTSB)
O
Output 1 (General Purpose Output).
This output can also
be programmed to function as the active-low, “Channel B
Request-to-Send” Output (-RTSB).
15
13
OP3
(TXCB_1X)
(RXCB_1X)
(-C/T_RDY)
O
Output 3 (General Purpose Output).
This output port can
also be programmed to function as: the “Channel B Trans-
mitter 1X clock” output (TXCB_1X), the “Channel B Receiv-
er 1X clock” output (RXCB_1X), or the open drain, active-
low “Counter/Timer Ready” output (-C/T_RDY).
16
14
OP5
(-RXRDY/
-FFULL_B)
O
Output 5 (General Purpose Output Pin).
This output port
pin can also be programmed to function as the open-drain,
active-low, Channel B “Receive Ready” or “Receiver FIFO
Full” indicator output (-RXRDY_B/-FFULL_B).
17
15
OP7
(TXRDY_B)
O
Output 7. (General Purpose Output Pin).
This output port
pin can also be programmed to function as the open-drain,
active-low, “Transmitter Ready” indicator output for Channel
B (-TXRDY_B).
18
16
10
D1
I/O
Bi-Directional Data Bus.
19
17
11
D3
I/O
Bi-Directional Data Bus.
20
18
12
D5
I/O
Bi-Directional Data Bus.
21
19
13
D7
I/O
MSB of the Eight Bit Bi-Directional Data Bus.
All transfers
between the CPU and the DUART take place over this bus
(consisting of pins D0 - D7). The bus is tri-stated when the
-
CS input is “high”, except during an IACK cycle (in the Z-
Mode).
22
20
14
GND
PWR
Signal Ground.
23
NC
No Connect.
24
21
15
-
INTR
O
Interrupt Request Output (Active Low, Open Drain).
-
INTR is asserted upon the occurrence of one or more of the
chip’s maskable interrupting conditions. This signal will re-
main asserted throughout the Interrupt Service Routine and
will be negated once the condition(s) causing the Interrupt
Request has been eliminated.
25
22
16
D6
I/O
Bi-Directional Data Bus.
26
23
17
D4
I/O
Bi-Directional Data Bus.
27
24
18
D2
I/O
Bi-Directional Data Bus.
28
25
19
D0
I/O
LSB of the Eight Bit Bi-Directional Data Bus.
All transfers
between the CPU and the DUART take place over this bus.
The bus is tri-stated when the -CS input is “high”, except
during an IACK cycle (in the Z-Mode).
29
26
OP6
(-TXRDY_A)
O
Output 6 (General Purpose Output).
This output pin can
also be programmed to function as the open drain, active-
low, “Transmitter Ready” indicator output for Channel A
(-TXRDY_A).


Similar Part No. - XR88C681

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681 EXAR-XR88C681 Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
XR88C68128 EXAR-XR88C68128 Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
XR88C68140 EXAR-XR88C68140 Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
XR88C681CJ EXAR-XR88C681CJ Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
More results

Similar Description - XR88C681

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
XR88C681CP EXAR-XR88C681CP Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR68C681J-F EXAR-XR68C681J-F Datasheet
1Mb / 75P
   CMOS Dual Channel UART(DUART)
XR82C684CJ-F EXAR-XR82C684CJ-F Datasheet
2Mb / 107P
   CMOS Quad Channel UART(QUART)
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com