Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR88C681 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR88C681
Description  CMOS Dual Channel UART (DUART)
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C681 Datasheet(HTML) 1 Page - Exar Corporation

  XR88C681 Datasheet HTML 1Page - Exar Corporation XR88C681 Datasheet HTML 2Page - Exar Corporation XR88C681 Datasheet HTML 3Page - Exar Corporation XR88C681 Datasheet HTML 4Page - Exar Corporation XR88C681 Datasheet HTML 5Page - Exar Corporation XR88C681 Datasheet HTML 6Page - Exar Corporation XR88C681 Datasheet HTML 7Page - Exar Corporation XR88C681 Datasheet HTML 8Page - Exar Corporation XR88C681 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
XR88C681
CMOS Dual Channel
UART (DUART)
Rev. 2.11
E
2006
June 2006
FEATURES
D
Two Full Duplex, Independent Channels
D
Asynchronous Receiver and Transmitter
D
Quadruple-Buffered Receivers and Dual Buffered
Transmitters
D
Programmable Stop Bits in 1/16 Bit Increments
D
Internal Bit Rate Generators with More than 23 Bit
Rates
D
Independent Bit Rate Selection for Each Transmitter
and Receiver
D
External Clock Capability
D
Maximum Bit Rate: 1X Clock - 1Mb/s, 16X Clock -
125kb/s
D
Normal, AUTOECHO, Local LOOPBACK and
Remote LOOPBACK Modes
D
Multi-function 16 Bit Counter/Timer
D
Interrupt Output with Eight Maskable Interrupt
Conditions
D
Interrupt Vector Output on Acknowledge (40 Pin DIP
and 44 Pin PLCC Packages Only)
D
Programmable Interrupt Daisy Chain
D
8 General Purpose Outputs (40 Pin DIP and 44 Pin
PLCC Packages Only)
D
7 General Purpose Inputs with Change of States
Detectors on Inputs (40 Pin DIP and 44 Pin PLCC
Packages Only)
D
Multi-Drop Mode Compatible with 8051 Nine Bit
Mode
D
On-Chip Oscillator for Crystal
D
Standby Mode to Reduce Operating Power
D
Compatible with the Motorola MC2681 and
Signetics SCC2692 devices
D
Advanced CMOS Low Power Technology
APPLICATIONS
D
Multimedia Systems
D
Serial to Parallel/Parallel to Serial Converter
D
DTE for Modem Communication Systems
GENERAL DESCRIPTION
The EXAR Dual Universal Asynchronous Receiver and
Transmitter (DUART) is a data communications device that
provides two fully independent full duplex asynchronous
communication channels in a single package. The DUART
is designed for use in microprocessor based systems and
may be used in a polled or interrupt driven environment.
The XR88C681 device offers a single IC solution for the
8080/85, 8086/88, Z80, Z8000, 68xx and 65xx
microprocessor families.
The DUART is fabricated using advanced two layer metal,
with a high performance density EPI/CMOS 1.8 process
to provide high performance and low power consumption,
and is packaged in a 40 pin PDIP, a 28 pin PDIP, and a 44
pin PLCC.
ORDERING INFORMATION
Part No.
Pin Package
Operating
Temperature Range
XR88C681CJ
44 PLCC
0°C to 70°C
XR88C681CN/40
40 CDIP
0°C to 70°C
XR88C681CP/28
28 PDIP
0°C to 70°C
XR88C681CP/40
40 PDIP
0°C to 70°C
XR88C681J
44 PLCC
-40°C to +85°C
XR88C681N/40
40 CDIP
-40°C to +85°C
XR88C681P/28
28 PDIP
-40°C to +85°C
XR88C681P/40
40 PDIP
-40°C to +85°C


Similar Part No. - XR88C681

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681 EXAR-XR88C681 Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
XR88C68128 EXAR-XR88C68128 Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
XR88C68140 EXAR-XR88C68140 Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
XR88C681CJ EXAR-XR88C681CJ Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
More results

Similar Description - XR88C681

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
XR88C681CP EXAR-XR88C681CP Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR68C681J-F EXAR-XR68C681J-F Datasheet
1Mb / 75P
   CMOS Dual Channel UART(DUART)
XR82C684CJ-F EXAR-XR82C684CJ-F Datasheet
2Mb / 107P
   CMOS Quad Channel UART(QUART)
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com