Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD64L42 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRD64L42
Description  Dual 10-Bit 40MSPS CMOS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD64L42 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRD64L42 Datasheet HTML 6Page - Exar Corporation XRD64L42 Datasheet HTML 7Page - Exar Corporation XRD64L42 Datasheet HTML 8Page - Exar Corporation XRD64L42 Datasheet HTML 9Page - Exar Corporation XRD64L42 Datasheet HTML 10Page - Exar Corporation XRD64L42 Datasheet HTML 11Page - Exar Corporation XRD64L42 Datasheet HTML 12Page - Exar Corporation XRD64L42 Datasheet HTML 13Page - Exar Corporation XRD64L42 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
XRD64L42
10
Rev. P2.10
APPLICATION SECTION
Voltage References
The top ladder voltage for the XRD64L42 can be
provided from an internal bandgap reference. The
bandgap reference and its feedback path, Pins 1 and
2 respectively, can be used to set the voltage for
VRHF. Select Rf and Ri (if gain is necessary) so that
VRHF=VBG(1+Rf/Ri). The internal bandgap voltage
is 1.24 volts. The XRD64L42 has a low impedence
ladder, therefore, the typical value for Rf and Ri is 10K
(Rf and Ri are recommended to be greater than
5K).See Figure 1. for a simplified diagram.
VBG
Bandgap
VFBK
VRHF
VRLF
XRD64L42
Resistive Ladder
Rf
Ri
External voltage references can be forced at VRHF and
VRLF. If VRHF and VRLF are driven externally, VFBK
should be connected to AVdd, which tri-states the
bandgap reference. Direct inputs or inputs driven by
external amplifiers can be used to drive the ladder
reference voltages of the XRD64L42. See Figure 2. for
a simplified diagram.
Figure 2. Voltage Reference Generated from the
Internal Bandgap Voltage
Figure 3. Voltage Reference Provided by an Ex-
ternal Source as Direct Inputs
VBG
Bandgap
VFBK
VRHF
VRLF
XRD64L42
Resistive Ladder
AVdd
Direct Input
Direct Input
Single-Ended Inputs
The XRD64L42 can be used in either single-ended or
differential input mode. For differential inputs, see the
Differential Inputs Section. Single-ended inputs mini-
mize the amount of external components necessary to
interface with the XRD64L42. The common inputs,
VINA(-) and VINB(-) should be tied to ground. VINA(+)
and VINB(+) can be used to apply direct inputs to the
XRD64L42. Figure 3. is a simplied diagram for single-
ended inputs. Pin 15, DIFF should be held low to select
single-ended inputs.
Figure 4. Single-Ended Inputs for the XRD64L42
Input A
Input B
50
50
VINA(+)
VINA(-)
VINB(+)
VINB(-)


Similar Part No. - XRD64L42

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L43AIV EXAR-XRD64L43AIV Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L44 EXAR-XRD64L44 Datasheet
162Kb / 15P
   Dual 10-Bit 50MSPS CMOS ADC
XRD64L44AIV EXAR-XRD64L44AIV Datasheet
162Kb / 15P
   Dual 10-Bit 50MSPS CMOS ADC
More results

Similar Description - XRD64L42

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
logo
Maxim Integrated Produc...
MAX1161 MAXIM-MAX1161 Datasheet
78Kb / 8P
   10-Bit, 40Msps, TTL-Output ADC
19-1190; Rev 0; 3/97
MAX1206 MAXIM-MAX1206 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
logo
Exar Corporation
XRD64L44 EXAR-XRD64L44 Datasheet
162Kb / 15P
   Dual 10-Bit 50MSPS CMOS ADC
logo
Maxim Integrated Produc...
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
logo
Analog Devices
AD9201 AD-AD9201 Datasheet
431Kb / 20P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com