Electronic Components Datasheet Search |
|
XR88C192CJ Datasheet(PDF) 6 Page - Exar Corporation |
|
XR88C192CJ Datasheet(HTML) 6 Page - Exar Corporation |
6 / 32 page XR88C92/192 6 Rev. 1.33 SYMBOL DESCRIPTION (* 44 pin LQFP) IP3 3 41 I Multi-purpose input or Channel A transmit external clock port input. The transmit data is clocked on the falling edge of the clock. IP4 43 37 I Multi-purpose input or Channel A receive external clock input. The transmit data is clocked on the rising edge of the clock. IP5 42 36 I Multi-purpose input or Channel B Transmit external clock input. The transmit data is clocked on the falling edge of the clock. IP6 41 35 I Multi-purpose input or Channel B receive external clock input. The transmit data is clocked on the rising edge of the clock. -CS 39 33 I Chip select (active low). A low at this pin enables the serial port / CPU data transfer operation. D0-D7 28,18 22,12 Bi-directional data bus. Eight bit, three state data bus to 27,19 21,13 I/O transfer information to or from the CPU. D0 is the least 26,20 20,14 significant bit of the data bus and the first serial data bit to be 25,21 19,15 received or transmitted. -IOW 9 3 I Write strobe (active low). A low on this pin will transfer the contents of the CPU data bus to the addressed register. -IOR 10 4 I Read strobe (active low). A low on this pin will transfer the contents of the XR88C92/192 register to CPU data bus. VCC 44 38,39 Pwr Power supply input, 2.97V to 5.5V. N.C. 1,12 11,23 No Connection. 23,34 Symbol Pin Signal Pin Description 44 44* type |
Similar Part No. - XR88C192CJ |
|
Similar Description - XR88C192CJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |