Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C062G102J2C0G5CM Datasheet(PDF) 8 Page - Kemet Corporation

Part # C062G102J2C0G5CM
Description  CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C062G102J2C0G5CM Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C062G102J2C0G5CM Datasheet HTML 4Page - Kemet Corporation C062G102J2C0G5CM Datasheet HTML 5Page - Kemet Corporation C062G102J2C0G5CM Datasheet HTML 6Page - Kemet Corporation C062G102J2C0G5CM Datasheet HTML 7Page - Kemet Corporation C062G102J2C0G5CM Datasheet HTML 8Page - Kemet Corporation C062G102J2C0G5CM Datasheet HTML 9Page - Kemet Corporation C062G102J2C0G5CM Datasheet HTML 10Page - Kemet Corporation C062G102J2C0G5CM Datasheet HTML 11Page - Kemet Corporation C062G102J2C0G5CM Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
6
CERAMIC MOLDED AXIAL & RADIAL
PERFORMANCE CHARACTERISTICS
GENERAL
Working Voltage:
C0G – 50, 100 & 200 Volts
X7R – 50, 100 & 200 Volts
Temperature Characteristics:
C0G – 0 30 PPM/ºC from -55ºC to +125ºC
X7R – 15% from -55ºC to +125ºC
Capacitance To lerance:
C0G – ±0.5 pF, ±1%, ±2%, ±5%, ±10%, ±20%
(±0.5 pF is tightest available tolerance)
X7R – ±10%, ±20%, -0 +100%, -20% +80%
Construction:
Monolithic block of ceramic dielectric with interdigitated
internal electrodes, encapsulated in a molded case, and
having axial or radial leads. Meets flame test requirements
of UL Standard 94V-0.
Te rminal Strength:
EIA-198 Method 303 Condition A (2.2 kg)
ELECTRICAL
Capacitance:
Within specified tolerance when measured with 1 volt rms
at 1 kHz (1000 pF or less at 1 MHz for C0G).
Dissipation Factor:
25ºC at 1 kHz (1000 pF or less at 1 MHz for C0G).
C0G – .15% maximum
X7R – 2.5% maximum
Insulation Resistance:
After 2 minutes electrification at 25ºC and rated voltage
C0G – 100K megohms or 1000 megohm - µF, whichever
is less.
X7R – 100K megohms or 1000 megohm - µF, whichever
is less.
Dielectric Withstanding Voltage:
250% of rated voltage for 5 seconds with current limited
to 50 mA at 25ºC.
Life Test:
2000 hours at 200% of rated voltage at 125ºC. Post-Test
limits at 25ºC are:
Capacitance Change:
C0G – less than 3% or 0.25 pF, whichever is higher
X7R – ±20% of initial value
Dissipation Factor:
C0G – .25% maximum
X7R – 3.0% maximum
Insulation Resistance:
C0G – 10K megohms or 100 megohm - µF, whichever
is less
X7R – 10K megohms or 100 megohm - µF, whichever
is less
Dielectric Withstanding Voltage:
250% of rated voltage for 5 seconds with current
limited to 50 mA.
ENVIRONMENTAL
Moisture Resistance:
MIL-STD-202, Method 106, or EIA-198, Method 204,
Condition A, except 20 cycles.
Insulation Resistance:
C0G – 10K megohms or 100 megohm - µF, whichever
is less
X7R – 10K megohms or 100 megohm - µF, whichever
is less
Dielectric Withstanding Voltage:
250% of rated voltage for 5 seconds with current
limited to 50 mA.
Immersion Cycling:
MIL-STD-202, Method 104, Condition B. Post-Test limits
at 25°C are:
Insulation Resistance:
C0G – 10K megohms or 100 megohm - µF, whichever
is less
X7R – 10K megohms or 100 megohm - µF, whichever
is less
Solderability:
MIL-STD-202, Method 208, Sn62 solder, 245ºC for 5 1/2
seconds.
Resistance to Soldering Heat:
MIL-STD-202, Method 210, Condition B (260ºC, 10 secs).
Depth of immersion — to a minimum of .050" from the
capacitor body.
Lead Material:
Axial: Solder-coated copper clad steel
Radial: Solder-coated copper


Similar Part No. - C062G102J2C0G5CM

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062G102J2CH5CA KEMET-C062G102J2CH5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C062G102J2CH5CM KEMET-C062G102J2CH5CM Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C062G102J2CH5CP KEMET-C062G102J2CH5CP Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C062G102J2CJ5CA KEMET-C062G102J2CJ5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C062G102J2CJ5CM KEMET-C062G102J2CJ5CM Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results

Similar Description - C062G102J2C0G5CM

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322A104K035AT KEMET-T322A104K035AT Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
logo
AVX Corporation
M39014-22-0776 AVX-M39014-22-0776 Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com