Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805C119F3PAC Datasheet(PDF) 8 Page - Kemet Corporation

Part # C0805C119F3PAC
Description  CERAMIC CHIP CAPACITORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C119F3PAC Datasheet(HTML) 8 Page - Kemet Corporation

  C0805C119F3PAC Datasheet HTML 1Page - Kemet Corporation C0805C119F3PAC Datasheet HTML 2Page - Kemet Corporation C0805C119F3PAC Datasheet HTML 3Page - Kemet Corporation C0805C119F3PAC Datasheet HTML 4Page - Kemet Corporation C0805C119F3PAC Datasheet HTML 5Page - Kemet Corporation C0805C119F3PAC Datasheet HTML 6Page - Kemet Corporation C0805C119F3PAC Datasheet HTML 7Page - Kemet Corporation C0805C119F3PAC Datasheet HTML 8Page - Kemet Corporation C0805C119F3PAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
20°
20°
Maximum
component rotation.
Typical
component
center line
Punched Carrier (Paper Tape) Configuration (Ceramic Chips Only):
Table 1: 8 & 12mm Punched Tape
(Metric Dimensions Will Govern)
Variable Dimensions - Millimeters (Inches)
Note:
1. A0, B0 and T determined by the maximum dimensions to the ends of the terminals extending from the
body and/or the body dimensions of the component. The clearance between the ends of the terminals or
body of the component to the sides and depth of the cavity (A0, B0 and T) must be within 0.05mm (.002)
minimum and 0.50mm (.020) maximum. The clearance allowed must also prevent rotation of the component
within the cavity of not more than 20 degrees (see sketches A and B).
2. Tape with components shall pass around radius "R" without damage.
3. KEMET nominal thicknesses are: 0402 = 0.6mm and all others 0.95mm minimum.
8mm
and
12mm
1.5
+0.10, -0.0
(.059
+0.004, -0.0)
1.75 ±0.10
(.069 ±0.004)
4.0 ± 0.10
(.157 ± 0.004)
2.0 ± 0.05
(.079 ± 0.002)
0.10
(.004)
Max.
0.75
(.030)
Min.
0.75
(.030)
Min.
25 (.984)
See Note 2
Table 1
Tape
Size
D0
P0
E
P2
T1
G1
G2
R Min.
8mm
1/2
Pitch
2.0 ± 0.10
(.079 ±.004)
See Require-
ments
Section 3.3 (d)
3.5 ± 0.05
(.138 ± .002)
8.0 ± 0.3
(.315 ± 0.012)
See Note 1
Table 1
1.1mm (.043)
Max. for Paper
Base Tape and
1.6mm (.063)
Max. for Non-
Paper Base
Compositions.
See Note 3.
Tape
Size
P1
W
F
A0B0
T
8mm
4.0 ± 0.10
(0.157 ± .004)
12mm
4.0 ± 0.10
(0.157 ± .004)
12mm
Double
Pitch
8.0 ± 0.10
(0.315 ± .004)
12.0 ± 0.3
(.472 ± .012)
5.5 ± 0.05
(.217 ± .002)
Table 1: 8 & 12mm Punched Tape
(Metric Dimensions Will Govern)
Constant Dimensions - Millimeters (Inches)
Sketch B:
Max. Component
Rotation - Front
Cross Sectional View
Sketch C:
Component Rotation - Top View
A0
B0
P1
P0
P2
D0
F
E
W
Center lines
of cavity
10 pitches cumulative
tolerance on tape
±0.2 (±0.008)
Top
Tape
Cover
T
User Direction of Feed
T1
Max. Cavity Size
See Note 1
Table 1
Bottom
Tape
Cover
G2
R
(Min.)
Sketch A:
Bending Radius
See Note 2
Table 1
CERAMIC CHIP CAPACITORS
Packaging Information
96


Similar Part No. - C0805C119F3PAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C110CCGAC KEMET-C0805C110CCGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C0805C110CCRAC KEMET-C0805C110CCRAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C0805C110CDGAC KEMET-C0805C110CDGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C0805C110CDRAC KEMET-C0805C110CDRAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
C0805C110CFGAC KEMET-C0805C110CFGAC Datasheet
1Mb / 9P
   CERAMIC CHIP / HIGH VOLTAGE
More results

Similar Description - C0805C119F3PAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com