Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0201C103C1PA Datasheet(PDF) 5 Page - Kemet Corporation

Part # C0201C103C1PA
Description  CERAMIC CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0201C103C1PA Datasheet(HTML) 5 Page - Kemet Corporation

  C0201C103C1PA Datasheet HTML 1Page - Kemet Corporation C0201C103C1PA Datasheet HTML 2Page - Kemet Corporation C0201C103C1PA Datasheet HTML 3Page - Kemet Corporation C0201C103C1PA Datasheet HTML 4Page - Kemet Corporation C0201C103C1PA Datasheet HTML 5Page - Kemet Corporation C0201C103C1PA Datasheet HTML 6Page - Kemet Corporation C0201C103C1PA Datasheet HTML 7Page - Kemet Corporation C0201C103C1PA Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum.
2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be:
Tape Width
Peel Strength
8 mm
0.1 Newton to 1.0 Newton (10g to 100g)
12 mm
0.1 Newton to 1.3 Newton (10g to 130g)
The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier
tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape
shall be pulled at a velocity of 300 ±10 mm/minute.
3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13")
reels (with C-7280). Note that 13” reels are preferred.
4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes.
Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only.
2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of
embossment location and hole location shall be applied independent of each other.
3. Tape with components shall pass around radius “R” without damage (see sketch A). The minimum trailer length (Fig. 2) may require
additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2)
4. The cavity defined by A
0
, B
0
, and K
0 shall be configured to surround the part with sufficient clearance such that the chip does not pro-
trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical
restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm
maximum in the pocket (not applicable to vertical clearance.)
Table 1 — EMBOSSED TAPE DIMENSIONS (Metric will govern)
Constant Dimensions — Millimeters (Inches)
Tape Size
D
0
EP
0
P
2
T Max
T
1 Max
8 mm
1.5
1.75 ±0.10
4.0 ±0.10
2.0 ±0.05
0.600
0.100
and
+0.10 -0.0
12 mm
(0.059
(0.069 ±0.004)
(0.157 ±0.004)
(0.079 ±0.002)
(0.024)
(0.004)
+0.004, -0.0)
Variable Dimensions — Millimeters (Inches)
Tape Size
Pitch
B
1 Max.
D
1 Min.
F
P
1
R Min.
T
2 Max
W
A
0B0K0
Note 1
Note 2
Note 3
Note 4
8 mm
Single
4.4
1.0
3.5 ±0.05
4.0 ±0.10
25.0
2.5
8.0 ±0.30
(4 mm)
(0.173)
(0.039)
(0.138 ±0.002)
(0.157 ±0.004) (0.984)
(0.098)
(.315 ±0.012)
12 mm
Double
8.2
1.5
5.5 ±0.05
8.0 ±0.10
30.0
4.6
12.0 ±0.30
(8 mm)
(0.323)
(0.059)
(0.217 ±0.002)
(0.315 ±0.004) (1.181)
(0.181) (0.472 ±0.012)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
94


Similar Part No. - C0201C103C1PA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C103K4PAC KEMET-C0201C103K4PAC Datasheet
140Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - X5R Dielectric
C0201C103K4PAC7867 KEMET-C0201C103K4PAC7867 Datasheet
140Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - X5R Dielectric
C0201C103K4PACTU KEMET-C0201C103K4PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 16 V, 0201, X5R, SMD, MLCC, Temperature Stable, Class II
2017/03/02
C0201C103K4PACTU-ND KEMET-C0201C103K4PACTU-ND Datasheet
140Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - X5R Dielectric
C0201C103K8PACTU KEMET-C0201C103K8PACTU Datasheet
72Kb / 1P
   SMD Comm X5R, Ceramic, 0.01 uF, 10%, 10 V, 0201, X5R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0201C103C1PA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com