Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0201C758G3PAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0201C758G3PAC
Description  CERAMIC CHIP CAPACITORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0201C758G3PAC Datasheet(HTML) 1 Page - Kemet Corporation

  C0201C758G3PAC Datasheet HTML 1Page - Kemet Corporation C0201C758G3PAC Datasheet HTML 2Page - Kemet Corporation C0201C758G3PAC Datasheet HTML 3Page - Kemet Corporation C0201C758G3PAC Datasheet HTML 4Page - Kemet Corporation C0201C758G3PAC Datasheet HTML 5Page - Kemet Corporation C0201C758G3PAC Datasheet HTML 6Page - Kemet Corporation C0201C758G3PAC Datasheet HTML 7Page - Kemet Corporation C0201C758G3PAC Datasheet HTML 8Page - Kemet Corporation C0201C758G3PAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP CAPACITORS
C 0805 C 103 K
5 R
A C*
CERAMIC
SIZE CODE
SPECIFICATION
C - Standard
CAPACITANCE CODE
Expressed in Picofarads (pF)
First two digits represent significant figures.
Third digit specifies number of zeros. (Use 9
for 1.0 through 9.9pF. Use 8 for 0.5 through 0.99pF)
(Example: 2.2pF = 229 or 0.50 pF = 508)
CAPACITANCE TOLERANCE
B – ±0.10pF
J – ±5%
C – ±0.25pF
K – ±10%
D – ±0.5pF
M – ±20%
F – ±1%
P – (GMV) – special order only
G – ±2%
Z – +80%, -20%
DIMENSIONS—MILLIMETERS AND (INCHES)
CAPACITOR ORDERING INFORMATION
• C0G (NP0), X7R, X5R, Z5U and Y5V Dielectrics
• 10, 16, 25, 50, 100 and 200 Volts
• Standard End Metalization: Tin-plate over nickel
barrier
• Available Capacitance Tolerances: ±0.10 pF; ±0.25
pF; ±0.5 pF; ±1%; ±2%; ±5%; ±10%; ±20%; and
+80%-20%
• Tape and reel packaging per EIA481-1. (See page
92 for specific tape and reel information.) Bulk
Cassette packaging (0402, 0603, 0805 only) per
IEC60286-6 and EIAJ 7201.
• RoHS Compliant
FEATURES
CAPACITOR OUTLINE DRAWINGS
END METALLIZATION
C-Standard (Tin-plated nickel barrier)
FAILURE RATE LEVEL
A- Not Applicable
TEMPERATURE CHARACTERISTIC
Designated by Capacitance
Change Over Temperature Range
G – C0G (NP0) (±30 PPM/°C)
R – X7R (±15%) (-55°C + 125°C)
P– X5R (±15%) (-55°C + 85°C)
U – Z5U (+22%, -56%) (+10°C + 85°C)
V – Y5V (+22%, -82%) (-30°C + 85°C)
VOLTAGE
1 - 100V
3 - 25V
2 - 200V
4 - 16V
5 - 50V
8 - 10V
W
L
T
B
S
TIN PLATE
NICKEL PLATE
CONDUCTIVE
METALLIZATION
ELECTRODES
* Part Number Example: C0805C103K5RAC
(14 digits - no spaces)
or
Solder
Reflow
METRIC
SIZE CODE
(Ref only)
1005
1608
2012
3216
3225
4532
4564
5650
5664
EIA
SIZE CODE
0402*
0603*
0805*
1206*
1210*
1812
1825*
2220
2225
(Standard Chips - For
Military see page
87)
9 - 6.3V
7 - 4V
EIA SIZE
CODE
METRIC
SIZE CODE
L - LENGTH
W - WIDTH
T
THICKNESS
B - BANDWIDTH
S
SEPARATION
minimum
MOUNTING
TECHNIQUE
0201*
0603
0.6 (.024) ± .03 (.001)
0.3 ± (.012) ± .03 (.001)
0.15 (.006) ± .05 (.002)
N/A
0402*
1005
1.0 (.04) ± .05 (.002)
0.5 (.02) ± .05 (.002)
0.20 (.008) -.40 (.016)
0.3 (.012)
0603
1608
1.6 (.063) ± .15 (.006)
0.8 (.032) ± .15 (.006)
0.35 (.014) ± .15 (.006)
0.7 (.028)
0805*
2012
2.0 (.079) ± .20 (.008)
1.25 (.049) ± .20 (.008)
0.50 (.02) ± .25 (.010)
0.75 (.030)
1206*
3216
3.2 (.126) ± .20 (.008)
1.6 (.063) ± .20 (.008)
0.50 (.02) ± .25 (.010)
N/A
1210*
3225
3.2 (.126) ± .20 (.008)
2.5 (.098) ± .20 (.008)
0.50 (.02) ± .25 (.010)
N/A
1812
4532
4.5 (.177) ± .30 (.012)
3.2 (.126) ± .30 (.012)
0.60 (.024) ± .35 (.014)
N/A
1825*
4564
4.5 (.177) ± .30 (.012)
6.4 (.252) ± .40 (.016)
0.60 (.024) ± .35 (.014)
N/A
2220
5650
5.6 (.220) ± .40 (.016)
5.0 (.197) ± .40 (.016)
0.60 (.024) ± .35 (.014)
N/A
2225
5664
5.6 (.220) ± .40 (.016)
6.3 (.248) ± .40 (.016)
0.60 (.024) ± .35 (.014)
N/A
* Note: Indicates EIA Preferred Case Sizes (Tightened tolerances apply for 0402, 0603, and 0805 packaged in bulk bassette, see page 96.)
+ For extended value 1210 case size - solder reflow only.
Solder Wave +
or
Solder Reflow
Solder Reflow
See page 7
8
for thickness
dimensions.
Solder Reflow
72


Similar Part No. - C0201C758G3PAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0201C100D3GACTU KEMET-C0201C100D3GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 10 pF, /-0.5pF Tol, 25 V, C0G, 0201 (0603 metric)
C0201C100D3GACTU KEMET-C0201C100D3GACTU Datasheet
70Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, /-0.5 pF, 25 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C100D3GACTU KEMET-C0201C100D3GACTU_17 Datasheet
70Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, /-0.5 pF, 25 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C100J3GACTU KEMET-C0201C100J3GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 10 pF, 5%, 25 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0201C758G3PAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com