Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C758G3PAC Datasheet(PDF) 9 Page - Kemet Corporation

Part # C0402C758G3PAC
Description  CERAMIC CHIP CAPACITORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C758G3PAC Datasheet(HTML) 9 Page - Kemet Corporation

  C0402C758G3PAC Datasheet HTML 1Page - Kemet Corporation C0402C758G3PAC Datasheet HTML 2Page - Kemet Corporation C0402C758G3PAC Datasheet HTML 3Page - Kemet Corporation C0402C758G3PAC Datasheet HTML 4Page - Kemet Corporation C0402C758G3PAC Datasheet HTML 5Page - Kemet Corporation C0402C758G3PAC Datasheet HTML 6Page - Kemet Corporation C0402C758G3PAC Datasheet HTML 7Page - Kemet Corporation C0402C758G3PAC Datasheet HTML 8Page - Kemet Corporation C0402C758G3PAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP CAPACITORS
Packaging Information
CAPACITOR MARKING TABLE
(Marking Optional - Not Available
for 0402 Size or Y5V Dielectric)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
a
b
d
e
f
m
n
t
y
0.10
0.11
0.12
0.13
0.15
0.16
0.18
0.20
0.22
0.24
0.27
0.30
0.33
0.36
0.39
0.43
0.47
0.51
0.56
0.62
0.68
0.75
0.82
0.91
0.25
0.35
0.40
0.45
0.50
0.60
0.70
0.80
0.90
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
2.5
3.5
4.0
4.5
5.0
6.0
7.0
8.0
9.0
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
25
35
40
45
50
60
70
80
90
100
110
120
130
150
160
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
820
910
250
350
400
450
500
600
700
800
900
1000
1100
1200
1300
1500
1600
1800
2000
2200
2400
2700
3000
3300
3600
3900
4300
4700
5100
5600
6200
6800
7500
8200
9100
2500
3500
4000
4500
5000
6000
7000
8000
9000
10,000
11,000
12,000
13,000
15,000
16,000
18,000
20,000
22,000
24,000
27,000
30,000
33,000
36,000
39,000
43,000
47,000
51,000
56,000
62,000
68,000
75,000
82,000
91,000
25,000
35,000
40,000
45,000
50,000
60,000
70,000
80,000
90,000
100,000
110,000
120,000
130,000
150,000
160,000
180,000
200,000
220,000
240,000
270,000
300,000
330,000
360,000
390,000
430,000
470,000
510,000
560,000
620,000
680,000
750,000
820,000
910,000
250,000
350,000
400,000
450,000
500,000
600,000
700,000
800,000
900,000
Alpha
Character
Numeral
9
01
2
3
4
5
Capacitance (pF) For Various Numeral Identifiers
1,000,000
1,100,000
1,200,000
1,300,000
1,500,000
1,600,000
1,800,000
2,000,000
2,200,000
2,400,000
2,700,000
3,000,000
3,300,000
3,600,000
3,900,000
4,300,000
4,700,000
5,100,000
5,600,000
6,200,000
6,800,000
7,500,000
8,200,000
9,100,000
2,500,000
3,500,000
4,000,000
4,500,000
5,000,000
6,000,000
7,000,000
8,000,000
9,000,000
7
10,000,000
11,000,000
12,000,000
13,000,000
15,000,000
16,000,000
18,000,000
20,000,000
22,000,000
24,000,000
27,000,000
30,000,000
33,000,000
36,000,000
39,000,000
43,000,000
47,000,000
51,000,000
56,000,000
62,000,000
68,000,000
75,000,000
82,000,000
91,000,000
25,000,000
35,000,000
40,000,000
45,000,000
50,000,000
60,000,000
70,000,000
80,000,000
90,000,000
6
Laser marking is available as an extra-cost option for
most KEMET ceramic chips. Such marking is two
sided, and includes a K to identify KEMET, followed by
two characters (per EIA-198 - see table below) to
identify the capacitance value. Note that marking is
not available for size 0402 nor for any Y5V chip. In
addition, the 0603 marking option is limited to the K
only.
Example shown is 1,000 pF capacitor.
KA3
Table 2 – Capacitance Values Available
In Bulk Cassette Packaging
0402
0603
0805
All
All
C0G
X7R
Y5V
All
All
109
109
109
221
221
221
221
221
104
104
All
All
181
331
102
392
103
273
104
104
224
224
Case
Size Dielectric Voltage
Min.
Cap
Value
Max.
Cap
Value
All
All
200
100
50
200
100
50
25
16
25
16
Terminations: KEMET nickel barrier layer with a tin overplate.
0.3
0.7
0.75
EIA
Size
Code
Length
L
Width
W
Thickness
T
Bandwidth
B
Minimum
Separation
S
Metric
Size
Code
Number of
Pcs/Cassette
50,000
15,000
10,000
0402
0603
0805
1.0 ± 0.05
1.6 ± 0.07
2.0 ± 0.10
0.5 ± 0.05
0.8 ± 0.07
1.25 ± 0.10
0.5 ± .05
0.8 ± .07
0.6 ± .10
0.2 to 0.4
0.2 to 0.5
0.5 to 0.75
1005
1608
2012
Table 1 – Capacitor Dimensions for Bulk
Cassette Packaging – Millimeters
Unit: mm
* Reference
110 ± 0.7
5.0*
10*
53.3*
3.0 ± 00.2
2.0 ± 0.1
0
1.5 ± 00.1
Bulk Cassette Packaging (Ceramic Chips only)
(Meets Dimensional Requirements IEC-286-6 and EIAJ 7201)
97


Similar Part No. - C0402C758G3PAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C0402C7583GAC ETC2-C0402C7583GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C7584GAC ETC2-C0402C7584GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C7585GAC ETC2-C0402C7585GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C7588GAC ETC2-C0402C7588GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0402C758G3PAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com