Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7638 Datasheet(PDF) 8 Page - EPCOS

Part # B7638
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7638 Datasheet(HTML) 8 Page - EPCOS

Back Button B7638 Datasheet HTML 2Page - EPCOS B7638 Datasheet HTML 3Page - EPCOS B7638 Datasheet HTML 4Page - EPCOS B7638 Datasheet HTML 5Page - EPCOS B7638 Datasheet HTML 6Page - EPCOS B7638 Datasheet HTML 7Page - EPCOS B7638 Datasheet HTML 8Page - EPCOS B7638 Datasheet HTML 9Page - EPCOS B7638 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Oct 13, 2005
SAW Components
B7638
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Frequency Response ANT - RX
Frequency Response ANT - RX (wideband)


Similar Part No. - B7638

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
logo
Kemet Corporation
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
More results

Similar Description - B7638

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7637 EPCOS-B7637 Datasheet
104Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7639 EPCOS-B7639 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4224 EPCOS-B4224 Datasheet
116Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4228 EPCOS-B4228 Datasheet
137Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4229 EPCOS-B4229 Datasheet
106Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4132 EPCOS-B4132 Datasheet
127Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7748 EPCOS-B7748 Datasheet
66Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B4122 EPCOS-B4122 Datasheet
98Kb / 4P
   SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com