Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM3843AS8T Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GM3843AS8T
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM3843AS8T Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GM3843AS8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM3843AS8T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PACKAGE PIN DESCRIPTION
FUNCTION
FUNCTION
COMP
GND
VFB
Output
VREF
ISENSE
R/ C
T
T
This pin is Error Amplifier output and is made available for loop compensation.
This pin is the combined control circuitry and power ground.
This pin is the positive supply of the control integrated circuit (IC)
This is the inverting input of the Error Amplifier. It is normally connected to the
switching power supply output through a resistor divider.
This output directly drives the gate of a power MOSFET. Peak current up to 1.0A
are sourced and sunk by this pin.
This is the reference output. It provides charging current for capacitor CT
through resistor RT.
A voltage proportional to inductor current connected to this input. The PWM
uses this information to terminate the output switch conduction.
Oscillator frequency and maximum Output cycle are programmed by connecting
resistor
to V
and capacitor C to ground.
RT
REF
T
PIN lead
1
5
7
2
6
8
3
4
3
PARAMETER
SYMBOL
VALUE
UNIT
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (low impedance source)
Output Current, Source or Sink *
Input Voltage (analog inputs pins 2)
Maximum Power Dissipation (T = 25°C)
A
Error Amp Output Sink Current
Storage Temperature Range
Lead Temperature (soldering 5 sec.)
30
±1.0
- 0.3 to + 5.5
10
V
A
°C
°C
V
CC
I
O
V
I
P
D
I
SINK(E.A)
T
stg
T
L
1.0
- 65 to + 150
260
W
mA
V
* Note: Maximum Package Power Dissipation Limits must be observed.
VCC


Similar Part No. - GM3843AS8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM3843AS8T GAMMA-GM3843AS8T Datasheet
106Kb / 8P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - GM3843AS8T

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com