Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA2502 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA2502
Description  ISO/MPEG Audio Source Decoder
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2502 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA2502 Datasheet HTML 6Page - NXP Semiconductors SAA2502 Datasheet HTML 7Page - NXP Semiconductors SAA2502 Datasheet HTML 8Page - NXP Semiconductors SAA2502 Datasheet HTML 9Page - NXP Semiconductors SAA2502 Datasheet HTML 10Page - NXP Semiconductors SAA2502 Datasheet HTML 11Page - NXP Semiconductors SAA2502 Datasheet HTML 12Page - NXP Semiconductors SAA2502 Datasheet HTML 13Page - NXP Semiconductors SAA2502 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
1997 Nov 17
10
Philips Semiconductors
Preliminary specification
ISO/MPEG Audio Source Decoder
SAA2502
7.2.3.1
XOR mode
PHDIF is the XOR function of SIG and REF. The frequency
is twice the frequency of SIG and REF. The PHDIF output
carries a signal, switching between GND and VDD, with an
average value Vavg which is a function of the phase
difference between SIG and REF (see left part of Fig.6).
The locking range in this mode of operation is maximum
for even values of N3 (180 degrees phase difference) but
less for odd values of N3. It is minimum for N3 =3
(120 degrees phase difference).
7.2.3.2
Edge triggered mode
PHDIF is only influenced by the rising edges of SIG and
REF. Consequently its frequency is equal to the SIG and
REF frequency.
The electrical behaviour of the PHDIF output pin in this
mode is special:
PHDIF is HIGH from the rising edge of REF to the rising
edge of SIG and 3-stated elsewhere if REF is leading and
PHDIF is low from rising edge of SIG to rising edge of REF
and 3-stated elsewhere if REF is trailing. Therefore PHDIF
is NOT 3-stated during a portion tup of each cycle when it
acts as a pull-up device or during a portion tdown of each
cycle when it acts as a pull-down device (see right part of
Fig.6).
As a result the locking range is always 360 degrees phase
difference. The output behaviour as function of phase
difference is non-symmetrical with reference to the vertical
axis, but a reversed mode is also available (by setting the
control flag PHSRVS).
Fig.6 PHDIF output behaviour.
handbook, full pagewidth
MGE473
REF to SIG phase difference
REF to SIG phase difference
max
min
0o
180o
360o
−180o
0o
+180o
0
1
5/6
1/6
Vavg
VDD
100%
100%
0%
tup
tdown
T
t1
t2
T
t
PHDIF
3-stated
XOR mode
edge triggered mode


Similar Part No. - SAA2502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
SAA2500H PHILIPS-SAA2500H Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
SAA2501H PHILIPS-SAA2501H Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
   MPEG2 audio decoder
1997 Jul 02
More results

Similar Description - SAA2502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
   MPEG AUDIO CLOCK SOURCE
051310
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
   MPEG AUDIO DECODER TECHNICAL MANUAL
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
   MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
   MPEG 2.5 LAYER III AUDIO DECODER
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
   MPEG 2.5 LAYER III AUDIO DECODER
logo
Cirrus Logic
CS4922 CIRRUS-CS4922 Datasheet
662Kb / 34P
   MPEG/G.729A AUDIO DECODER SYSTEM
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com