Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6155-2.5ST25R Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM6155-2.5ST25R
Description  150mA LOW-NOISE LDO REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6155-2.5ST25R Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

  GM6155-2.5ST25R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6155-2.5ST25R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6155-2.5ST25R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6155-2.5ST25R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6155-2.5ST25R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6155-2.5ST25R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6155-2.5ST25R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6155-2.5ST25R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6155-2.5ST25R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
ORDERING NUMBER
GM 6155 A ST25 R
Gamma Micro.
Circuit Type
Output Voltage
A: Adj, 2.5: 2.5V
2.7: 2.7V, 2.8: 2.8V
2.9: 2.9V, 3.0: 3.0V
3.3: 3.3V, 3.6: 3.6V
4.0: 4.0V, 4.2: 4.2V
Package
ST25: SOT-25
Shipping
R: Tape & Reel
SOT-25(SOT-23-5) PACKAGE OUTLINE DIMENSIONS
Pad Layout
2.9 ± 0.1
0.074
1.9
0.037
0.95
0.037
0.95
0.094
2.4
0.028
0.7
Inches
mm
(
)
1.9 ± 0.05
0.95 ± 0.038
2.8 ± 0.1
1.5 ± 0.05
0.65 ± 0.05
0.35 ± 0.03
0.13
0~0.1
0.8 ± 0.05
1.10 ± 0.1
Unit:mm
0.039
1.0


Similar Part No. - GM6155-2.5ST25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6155-2.5ST25R ETC2-GM6155-2.5ST25R Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
More results

Similar Description - GM6155-2.5ST25R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com