Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM3844AD8T Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM3844AD8T
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM3844AD8T Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM3844AD8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM3844AD8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM3844AD8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM3844AD8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM3844AD8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM3844AD8T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM3844AD8T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM3844AD8T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM3844AD8T Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
ELECTRICAL CHARACTERISTICS (Continued)
(T = 0°C to 70°C, *V
=15V, C =3.3nF, R =10kW, unless otherwise specified )
ACC
T
T
TYP
MAX
UNIT
CHARACTERISTICS
TEST CONDITIONS
MIN
SYMBOL
PWM Section
Total Standby Current
Maximum Duty Cycle
Minimum Duty Cycle
Zener Voltage
Operating Supply Current
Start-Up Current
D(MAX)
D(MIN)
VZ
ICC(OPR)
IST
GM3842A, GM3843A
GM3844A, GM3845A
95
47
97
48
100
50
0
17
0.3
%
%
V
mA
mA
V
=
=0V
PIN3
VPIN2
I
= 25mA
CC
30
38
13
0.17
* Adjust V
above the Startup threshold before setting to 15 V.
CC
Note1: Parameter measured at trip point of latch with V
= 0.
PIN2
Note2: Gain defined as A=DV
/ DV
; 0
V
0.8V
PIN1
PIN3
PIN3
Note3: These parameters, although guaranteed, are not 100% tested in production
TYPICAL PERFORMANCE CHARACTERISTICS
50
20
10
1
2
5
10
20
30
50
100
200 300 500
RT
(KW)
fosc
(kHz)
V
= 15V
CC
T =25°C
A
Figure 1. Timing Resistor vs. Oscillator Frequency
C = 1000pF
T
C = 200pF
T
C = 500pF
T
C = 10pF
T
C = 5nF
T
C = 2nF
T
C = 1nF
T
50
20
10
1
2
5
10
20
30
50
100
200 300 500
%
fosc
(kHz)
V
= 15V
CC
T =25°C
A
Figure 2. Output Dead-Time vs. Oscillator Frequency
C = 1000pF
T
C = 200pF
T
C = 5nF
T
C = 2nF
T
C = 1nF
T
C = 500pF
T
C = 10pF
T
30
3
%
GM3842A/ 43A/ 44A/ 45A


Similar Part No. - GM3844AD8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM3844AD8T GAMMA-GM3844AD8T Datasheet
106Kb / 8P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - GM3844AD8T

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com