Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6603 Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM6603
Description  3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603 Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM6603 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6603 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6603 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6603 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603 Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MARKING INFORMATION & PIN CONFIGURATIONS(Top View)
TO-220
V
IN
V
OUT
ADJ/GND*
On fixed versions Pin 1 = GND,
on adjustable versions Pin 1 = A
Tab = V
OUT
DJ
V V, V = Output Voltage(A =
,33 = 3.3V)
A
= Assembly Location
Y
= Year
W W = Weekly
Adj
Package
Shipping
TO-252
TO-252
TO-252
80
/ Tube
Units
80
/ Tube
Units
80
/ Tube
Units
2,500
/ Tape & Reel
Units
2,500
/ Tape & Reel
Units
2,500
/ Tape & Reel
Units
50
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
50
/ Tube
Units
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
TO-263-2
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
800
/ Tape &Reel
Units
800
/ Tape &Reel
Units
800
/ Tape &Reel
Units
800
/ Tape &Reel
Units
800
/ Tape &Reel
Units
800
/ Tape &Reel
Units
GM6603-ATC3T
GM6603-1.8TC3T
GM6603-3.0TC3T
GM6603-ATC3R
GM6603-1.8TC3R
GM6603-3.0TC3R
GM6603-ATB3T
GM6603-1.8TB3T
GM6603-3.0TB3T
GM6603-1.5TB3T
GM6603-2.5TB3T
GM6603-2.85TB3T
Ordering Number
GM6603-ATA3T
GM6603-1.8TA3T
GM6603-3.0TA3T
GM6603-1.5TA3T
GM6603-2.5TA3T
GM6603-2.85TA3T
GM6603-ATA3R
GM6603-1.8TA3R
GM6603-3.0TA3R
GM6603-1.5TA3R
GM6603-2.5TA3R
GM6603-2.85TA3R
Output Voltage
Adj
1.8
3.0
3.0
3.0
3.0
3.0
1.8
1.8
1.8
1.8
1.5
2.5
2.85
2.5
2.85
2.5
2.85
1.5
1.5
TO-252
TO-252
TO-252
TO-220
TO-220
TO-220
TO-220
TO-220
TO-220
2
GM6603
VVAYWW
Adj
Adj
Adj
Adj
TO-252(DPAK)
GM6603
VVAYWW
V
IN
V
OUT
ADJ/GND*
GM6603
VVAYWW
2
TO-263-2 (D PAK)
V
IN
V
OUT
ADJ/GND*
ORDERING INFORMATION
* For detail Ordering Number identification, please see last page.


Similar Part No. - GM6603

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603 ETC2-GM6603 Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM6603 GAMMA-GM6603 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
List of Unclassifed Man...
GM6603-1.5TA3R ETC2-GM6603-1.5TA3R Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
GM6603-1.5TA3T ETC2-GM6603-1.5TA3T Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
More results

Similar Description - GM6603

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603 ETC2-GM6603 Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com