Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM431BT92B Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM431BT92B
Description  2.5V ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM431BT92B Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM431BT92B Datasheet HTML 6Page - Gamma Microelectronics Inc. GM431BT92B Datasheet HTML 7Page - Gamma Microelectronics Inc. GM431BT92B Datasheet HTML 8Page - Gamma Microelectronics Inc. GM431BT92B Datasheet HTML 9Page - Gamma Microelectronics Inc. GM431BT92B Datasheet HTML 10Page - Gamma Microelectronics Inc. GM431BT92B Datasheet HTML 11Page - Gamma Microelectronics Inc. GM431BT92B Datasheet HTML 12Page - Gamma Microelectronics Inc. GM431BT92B Datasheet HTML 13Page - Gamma Microelectronics Inc. GM431BT92B Datasheet HTML 14Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
This refers to the determination of the gain frequency characteristic of the shunt regulator as an error amplifier.
Taking the configuration in figure 16, the error amplifier characteristic is as shown in figure 17.
AC Characteristic Determination:
Figure 17. GM431 Error Amplification Characteristic
G1
G2
When R = 0
5
F1
FAC
F2
When R = 0
5
In Figure 17, the following formulas are obtained:
Gain
G = G
50 dB to 60 dB (determined by shunt regulator)
10
G =
2
Corner frequencies
f = 1/(2p C G R)
11
0
3
f = 1/(2p C R)
2
1
5
G is the shunt regulator open-loop gain; this is given by the reciprocal of the reference voltage fluctuation
0
DVref/DV
, and is approximately 50 dB.
KA
R5
R3
Practical Example
Consider the example of a photocoupler, with an internal light emitting diode V = 1.05 V and I = 2.5 mA,
F
F
power supply output voltage V = 5 V, and bias resistance R current of approximately 1/5 I at 0.5 mA. If
22
F
the shunt regulator V = 3 V, the following values are found.
K
Next, assume that R = R = 10 kW. This gives a 5 V output. If R = 3.3 kW and C = 0.022 µF, the
34
5
1
following values are found.
G = 3.3 kW / 10 kW = 0.33 times (–10 dB)
2
f = 1 / (2 x p x 0.022 µF x 316 x 10 kW) = 2.3 (Hz)
1
f = 1 / (2 x p x 0.022 µF x 3.3 kW) = 2.2 (kHz)
2
R =
=316W
1
5V - 1.05V - 3V
2.5mA + 0.5mA
R =
=2.1 kW
2
1.05V
0.5mA
F
Frequency f (Hz)
osc
*
: PWM switching frequency
fosc
A
A
MICROELECTRONICS
GM431
2.5V ADJUSTABLE SHUNT REGULATOR
Power Management


Similar Part No. - GM431BT92B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431BT92B GAMMA-GM431BT92B Datasheet
202Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - GM431BT92B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com