Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM431CT92B Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM431CT92B
Description  2.5V ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM431CT92B Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM431CT92B Datasheet HTML 4Page - Gamma Microelectronics Inc. GM431CT92B Datasheet HTML 5Page - Gamma Microelectronics Inc. GM431CT92B Datasheet HTML 6Page - Gamma Microelectronics Inc. GM431CT92B Datasheet HTML 7Page - Gamma Microelectronics Inc. GM431CT92B Datasheet HTML 8Page - Gamma Microelectronics Inc. GM431CT92B Datasheet HTML 9Page - Gamma Microelectronics Inc. GM431CT92B Datasheet HTML 10Page - Gamma Microelectronics Inc. GM431CT92B Datasheet HTML 11Page - Gamma Microelectronics Inc. GM431CT92B Datasheet HTML 12Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Typical Performance Characteristics
Cathode Voltage (V)
-1 -0.5
0
0.5
1
1.5
2
2.5
3
1000
800
600
400
200
0
-200
-400
Figure 9. Cathode Current vs.
Cathode Voltage
-2
-1
0
1
2
3
200
150
100
50
0
-50
-100
-150
Cathode Voltage (V)
Figure 10. Cathode Current vs.
Cathode Voltage
0
20
40
60
80
0.6
0.5
0.4
0.3
0.2
0.1
0
T , AMBIENT TEMPERATURE (°C)
A
Figure 11. Reference Input Current versus
Ambient Temperature
0
100K 200K 300K 400K 500K
600K
2.5
2
1.5
1
0.5
0
Frequency (Hz)
Figure 12. Dynamic Impedance
Frequency
0
20
40
60
80
2.5
2.498
2.496
2.494
2.492
2.49
2.488
2.486
T , AMBIENT TEMPERATURE (°C)
A
Figure 13.
Reference Input Voltage versus
Ambient Temperature
10
100
1k
10k
100k
1M
60
50
40
30
20
10
0
-10
Figure 14. Open-Loop Voltage Gain
vs. Frequency
f, FREQUENCY (HZ)
I
=10mA
KA
T =25°C
A
36°
72°
108°
144°
180°
A
A
MICROELECTRONICS
GM431
2.5V ADJUSTABLE SHUNT REGULATOR
Power Management


Similar Part No. - GM431CT92B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431CT92B GAMMA-GM431CT92B Datasheet
202Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - GM431CT92B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com