Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6605-ATB3T Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM6605-ATB3T
Description  5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6605-ATB3T Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM6605-ATB3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6605-ATB3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6605-ATB3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6605-ATB3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6605-ATB3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6605-ATB3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6605-ATB3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6605-ATB3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6605-ATB3T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Microprocessor Supply
Post Regulators for Switching Supplies
Telecommunication Systems
Description
GM6605 series of positive adjustable and fixed regulators
is designed to provide 5A output with low dropout voltage
performance. On-chip trimming adjusts the reference volt-
age with an accuracy of ±1% for adjustable, and ±2% for
fixed voltage versions. To work in post regulators or micro-
processor power supplies, which where low voltage opera-
tion and fast transient response are required. Device in-
cludes over-current protection and thermal shutdown pro-
tection as well.
GM6605 is available in TO-220 and surface-mount TO-263
packages.
Application
Features
Adjustable or Fixed Output
Output Current of 5.0A
Dropout Voltage (typical) 1.15V @ 5.0A
Typical Line Regulation 0.04%
Typical Load Regulation 0.08%
Fast Transient Response
Current Limit Protection
Thermal Shutdown Protection
TYPICAL APPLICATION CIRCUITS
Medical Equipment
Printer Supplies
Motherboards
VOUT
ADJ
VIN
3.3V@3.0A
22µF
5.0V
10µF
5.0V
GM6605-Adj
5.0V
0.1µF
5.0V
200W
1.0%
124W
1.0%
(Adjustable Version)
VOUT
GND
VIN
3.3V@3.0A
10µF
5.0V
GM6605-3.3
(Fixed Version)
22µF
5.0V
www.gammamicro.com
1
5.0V


Similar Part No. - GM6605-ATB3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605-ATB3T ETC1-GM6605-ATB3T Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605-ATB3T GAMMA-GM6605-ATB3T Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
GM6605-ATB3TG GAMMA-GM6605-ATB3TG Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6605-ATB3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com