Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA2502H Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA2502H
Description  ISO/MPEG Audio Source Decoder
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2502H Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA2502H Datasheet HTML 3Page - NXP Semiconductors SAA2502H Datasheet HTML 4Page - NXP Semiconductors SAA2502H Datasheet HTML 5Page - NXP Semiconductors SAA2502H Datasheet HTML 6Page - NXP Semiconductors SAA2502H Datasheet HTML 7Page - NXP Semiconductors SAA2502H Datasheet HTML 8Page - NXP Semiconductors SAA2502H Datasheet HTML 9Page - NXP Semiconductors SAA2502H Datasheet HTML 10Page - NXP Semiconductors SAA2502H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
1997 Nov 17
7
Philips Semiconductors
Preliminary specification
ISO/MPEG Audio Source Decoder
SAA2502
7
FUNCTIONAL DESCRIPTION
7.1
Basic functionality
From a functional point of view, several blocks can be
distinguished in the SAA2502. A clock generator section
derives the internally and externally required clock signals
from its clock inputs. The input interface section receives
or requests coded input data in one of the supported input
interface modes. The demultiplexer processor handles
frame synchronization, parsing, demultiplexing and error
concealment of the input data stream The de-quantization
and scaling processor performs the transformation and
scaling operations on the (demultiplexed) coded sample
representations in the input bitstream to yield sub-band
domain samples.
The sub-band samples are transferred to the synthesis
sub-band filter bank processor which reconstructs the
baseband audio samples. The output interface block
transforms the audio samples to the output formats
required by the different output ports.
The decoding control block houses the I2C-bus/L3
microcontroller interface, and handles the response to
external control signals. This section enables the
application to configure the SAA2502, to read its decoding
status, to read ancillary data and so on.
Several pins are reserved for boundary scan test (5 pins)
and factory test scan chain control (2 pins).
7.2
Clock generator module
The SAA2502 clock interfacing is designed for application
versatility. It consists of 9 signals (see Table 1).
The clock generator provides the following clock signals:
• Internal sample clocks
• External buffered sample clock FSCLK
• Processor master clock
• Coded input data bit clock
• Coded input data request clock
The module can be configured to operate in 3 different
modes of operation:
• External sample clock mode
• Free running internal sample clock mode
• Locked internal sample clock mode.
Clock generator operation mode must be stationary while
the device is in normal operation. Changing mode should
always be followed by a (soft) reset.
f
input bit rate
32
-----------------------------------
=
Table 1
Clock interfacing signals
SIGNAL
DIRECTION
FUNCTION
MCLKIN
input
master clock oscillator input or signal input
MCLKOUT
output
master clock oscillator output
MCLK24
input
master clock frequency indication
X22IN
input
22.5792 MHz clock oscillator input or signal input
X22OUT
output
22.5792 MHz clock oscillator output
FSCLKIN
input
external sample rate clock signal input
FSCLK
output
sample rate clock signal output
REFCLK
input
coded input data rate reference clock
PHDIF
output
phase difference indication output between reference clock and sample clock


Similar Part No. - SAA2502H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
SAA2500H PHILIPS-SAA2500H Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
SAA2501H PHILIPS-SAA2501H Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
   MPEG2 audio decoder
1997 Jul 02
More results

Similar Description - SAA2502H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
   MPEG AUDIO CLOCK SOURCE
051310
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
   MPEG AUDIO DECODER TECHNICAL MANUAL
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
   MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
   MPEG 2.5 LAYER III AUDIO DECODER
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
   MPEG 2.5 LAYER III AUDIO DECODER
logo
Cirrus Logic
CS4922 CIRRUS-CS4922 Datasheet
662Kb / 34P
   MPEG/G.729A AUDIO DECODER SYSTEM
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com