Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6155-3.6ST25R Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM6155-3.6ST25R
Description  150mA LOW-NOISE LDO REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6155-3.6ST25R Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM6155-3.6ST25R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6155-3.6ST25R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6155-3.6ST25R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6155-3.6ST25R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6155-3.6ST25R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6155-3.6ST25R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6155-3.6ST25R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6155-3.6ST25R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6155-3.6ST25R Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MARKING INFORMATION & PIN CONFIGURATIONS (TOP VIEW)
Package
Shipping
Ordering Number
Output Voltage
2
ORDERING INFORMATION
SOT-25
SOT-25
SOT-25
SOT-25
SOT-25
SOT-25
SOT-25
SOT-25
SOT-25
SOT-25
SOT-25
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
GM6155-AST25R
GM6155-2.5ST25R
GM6155-2.7ST25R
GM6155-2.8ST25R
GM6155-2.9ST25R
GM6155-3.0ST25R
GM6155-3.3ST25R
GM6155-3.6ST25R
GM6155-4.0ST25R
GM6155-4.2ST25R
GM6155-5.0ST25R
2.5V
2.7V
2.8V
2.9V
3.0V
3.3V
3.6V
4.0V
4.2V
5.0V
Voltage Code
XXVYW
1
3
2
5
4
IN GND EN
BYP
OUT
SOT-25 (SOT-23-5)
XX
= Marking Code
V
= Voltage Code
Y
= Year
W
= Weekly
(DA = GM6155)
Pin Number
Pin Name
PIN DESCRIPTION
1
2
3
4
IN
GND
EN
BYP
Function
Supply Input
Ground
Enable/ Shutdown(Input): COMS compatible input. Logic high = enable,
logic low or open = shutdown.
Reference Bypass: Connect external 470pF capacitor to GND to reduce
output noise. May be left open.
5
OUT
Regulator Output
Adj
A
G
T
H
X
J
K
L
M
Y
Q
XXVYW
1
3
2
5
4
IN GND EN
ADJ
OUT
SOT-25 (SOT-23-5)
Fixed Voltages
Adjustable Voltage
Part
Identification
* For detail Ordering Number identification, please see last page.


Similar Part No. - GM6155-3.6ST25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6155-3.6ST25R ETC2-GM6155-3.6ST25R Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
More results

Similar Description - GM6155-3.6ST25R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com