Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7230-15TA5T Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM7230-15TA5T
Description  3A STEP-DOWN VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7230-15TA5T Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM7230-15TA5T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7230-15TA5T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7230-15TA5T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7230-15TA5T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7230-15TA5T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7230-15TA5T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7230-15TA5T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7230-15TA5T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7230-15TA5T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ON/OFF
Feedback
Ground
Output
VIN
2
MARKING INFORMATION & PIN CONFIGURATIONS
TO-220- 5
GM7230
VVAYWW
V V / VVV= Output Voltage
(33=3.3V , 12=12V, A=Adj)
A
= Assembly Location
Y
= Year
W W
= Weekly
2
TO-263-5(D PAK)
GM7230
VVAYWW
ON/OFF
Feedback
Ground
Output
VIN
GM7230-ATA5T
GM7230-3.3TA5T
GM7230-5.0TA5T
GM7230-12TA5T
GM7230-15TA5T
GM7230-ATB5T
GM7230-3.3TB5T
GM7230-5.0TB5T
GM7230-12TB5T
GM7230-15TB5T
GM7230-ATB5BT
GM7230-3.3TB5BT
GM7230-5.0TB5BT
GM7230-12TB5BT
GM7230-15TB5BT
GM7230-ATA5R
GM7230-3.3TA5R
GM7230-5.0TA5R
GM7230-12TA5R
GM7230-15TA5R
TO-220-5
TO-220-5
TO-220-5
TO-220-5
TO-220-5
TO-220-5B
TO-220-5B
TO-220-5B
TO-220-5B
TO-220-5B
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
A d j
3.3
5.0
12
15
5.0
12
15
5.0
12
15
5.0
12
15
3.3
3.3
3.3
A d j
A d j
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
Output Voltage
Package
Shipping
Ordering Number
ORDERING INFORMATION
A d j
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
* TB5B: Bent and Staggered Leads of TO-220 package
ON/OFF
Feedback
Ground
Output
VIN
TO-220- 5B
GM7230
VVAYWW
1 2 3 4 5
** For detail Ordering Number identification, please see last page.
A
A
MICROELECTRONICS
GM7230
3A STEP-DOWN VOLTAGE REGULATOR
Power Management
.
.
.


Similar Part No. - GM7230-15TA5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7230-15TA5T ETC2-GM7230-15TA5T Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
More results

Similar Description - GM7230-15TA5T

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com