Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM34063 Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM34063
Description  1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM34063 Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM34063 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM34063 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM34063 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM34063 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM34063 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM34063 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM34063 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM34063 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM34063 Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ELECTRICAL CHARACTERISTICS (V = 5.0 V, T = T
TO Thigh unless otherwise specified)
CC
A
IOW
CHARACTERISTICS
Min
Symbol
Typ
Max
Unit
Frequency (V
= 0 V, C = 1.0nF, T = 25°C)
T
pin5
A
Charge Current (V
= 5.0V to 40V, T = 25°C)
CC
A
Discharge Current (V
= 5.0V to 40V, T = 25
CC
A
°C)
Discharge to Charge Current Ration (Pin 7 to V
T =
CC
A
25°C)
Current Limit Sense Voltage (
I
= I
, T = 25°C )
chg
dischg
A
OSCILLATOR
24
f
OSC
24
140
5.2
250
I
chg
I
dischg
I
/
dischg Ichg
V
ipk(sense)
33
35
220
6.5
300
kHz
µA
µA
-
mV
42
42
260
7.5
350
OUTPUT SWITCH (Note 2)
Saturation Voltage, Darlington Connection
(I
= 1.0A, Pins 1, 8 connected)
SW
Supply Current (V
= 5.0V to 40 V, C = 1.0 nF, Pin 7 = V
T
CC
CC
V
> V
Pin 2 = GND remaining pins open)
pin5
th
-
-
-
V
CE(sat)
V
CE(sat)
I
CC
1.0
0.45
-
V
V
mA
1.3
0.7
4.0
DC Current Gain (I
= 1.0 A, V
= 5.0 V, T = 25°C)
SW
EC
A
50
h
FE
75
-
-
Collector Off - State Current (V
= 40 V)
CE
-
I
C(Off)
40
100
µA
COMPARATOR
Threshold Voltage
T = 25°C
A
T = T
to T
A
IOW
high
1.225
1.210
V
th
1.25
-
V
1.275
1.29
Threshold Voltage Line Regulation (V
= 3.0V to 40V)
CC
Input Bias Current (V
= 0V)
IN
-
-
Reg
line
I
IB
1.4
-20
5.0
-400
mV
nA
TOTAL DEVICE
Note 2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note 3. If the output switch is driven into hard saturation (non-arlington configuration) at low switch currents ( 300 mA) and high driver
currents ( 30 mA), it may take up to 2.0 ms for it to come out of saturation. This condition will shorten the off time at frequencies
30 kHz, and is magnified at high temperatures. This condition does not occur with a Darlington configuration, since the output
switch cannot saturate. If a non-Darlington configuration is used, the following output drive condition is recommended:
Forced b of output switch :
* The 100 W resistor in the emitter of the driver device requires about 7.0 mA before the output switch conducts.
I output
C
I driver - 7.0 mA*
C
10
4
Saturation Voltage (Note 3)
(I
= 1.0 A, R
= 82 W to V
, Forced b 20)
SW
Pins 8
CC
A
A
MICROELECTRONICS
GM34063
1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
Power Management


Similar Part No. - GM34063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
2Mb / 1P
   PWM Switching Regulators
GM34063 GAMMA-GM34063 Datasheet
191Kb / 10P
   1.5A DC TO DC CONVERTER CONTROL
logo
List of Unclassifed Man...
GM34063D8 ETC1-GM34063D8 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063D8T GAMMA-GM34063D8T Datasheet
191Kb / 10P
   1.5A DC TO DC CONVERTER CONTROL
More results

Similar Description - GM34063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063_1 Datasheet
191Kb / 10P
   1.5A DC TO DC CONVERTER CONTROL
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com