Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD9824 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRD9824
Description  14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9824 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRD9824 Datasheet HTML 4Page - Exar Corporation XRD9824 Datasheet HTML 5Page - Exar Corporation XRD9824 Datasheet HTML 6Page - Exar Corporation XRD9824 Datasheet HTML 7Page - Exar Corporation XRD9824 Datasheet HTML 8Page - Exar Corporation XRD9824 Datasheet HTML 9Page - Exar Corporation XRD9824 Datasheet HTML 10Page - Exar Corporation XRD9824 Datasheet HTML 11Page - Exar Corporation XRD9824 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
XRD9824
8
Rev. 2.00
THEORY OF OPERATION
CIS Configuration (Contact Image Sensor)
The XRD9824 has two configurations for CIS applications. Each configuration is set by the control registers
accessed through the serial port.
Mode 1. DC Coupled
If the CIS does not have leading or trailing black pixels as shown in Figure 2, then DC couple the CIS output to the
XRD9824 input.
Optically Shielded
Pixels
Valid Pixels
Adjust the offset of the CIS (-100 mV to 500 mV) by setting the internal registers of the XRD9824 to set the black
pixel value when the LEDs of the CIS are off. When the LEDs are on, use the XRD9824 Programmable Gain to
maximize the ADCs dynamic range. Figure 3 shows a typical application for a CIS with an offset of -100mV to
500mV.
Figure 2. Typical Output CIS Mode


Similar Part No. - XRD9824

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9822 EXAR-XRD9822 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825ACD EXAR-XRD9825ACD Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825ACU EXAR-XRD9825ACU Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
More results

Similar Description - XRD9824

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
   10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9827 EXAR-XRD9827 Datasheet
264Kb / 32P
   12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD98L23 EXAR-XRD98L23 Datasheet
452Kb / 32P
   8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com