Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM432AS8RL Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM432AS8RL
Description  1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM432AS8RL Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM432AS8RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM432AS8RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM432AS8RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM432AS8RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM432AS8RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM432AS8RL Datasheet HTML 10Page - Gamma Microelectronics Inc. GM432AS8RL Datasheet HTML 11Page - Gamma Microelectronics Inc. GM432AS8RL Datasheet HTML 12Page - Gamma Microelectronics Inc. GM432AS8RL Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
SOT-89 PACKAGE OUTLINE DIMENSIONS
Pad Layout
45°
1.5
0.7
2
1
4.50 ± 0.05
Units: mm
1.650 REF
1.400 REF
4.20 ± 0.05
1.00 ± 0.07
2.5 ± 0.05
0.46 ± 0.025
3.00 ± 0.025
1.50
1.50
1.50 ± 0.05
0.38 ± 0.01
R 0.13~3X
NO DRAFT~2
R 0.1 MAX
6°~2X
6°~2X
R 0.13~2X
R 0.13~2X
Unit: mm
R 0.13~4X
TO-92 PACKAGE OUTLINE DIMENSIONS
4.6 ± 0.1
4.6 ± 0.1
2.3
3 - 0.46
1.45 ± 0.1
14.5 ± 0.5
1.27 1.27
3.6 ± 0.15
0.38 ± 0.015
3.6 ± 0.15
1.3 ± 0.1
Unit: mm
A
A
MICROELECTRONICS
GM432
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Power Management


Similar Part No. - GM432AS8RL

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432AST23RG GAMMA-GM432AST23RG Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
GM432AST89RG GAMMA-GM432AST89RG Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - GM432AS8RL

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com