Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66150-2.5TA3T Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM66150-2.5TA3T
Description  1.5A ULTRA LOW-DROPOUT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66150-2.5TA3T Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM66150-2.5TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66150-2.5TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66150-2.5TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66150-2.5TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66150-2.5TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66150-2.5TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66150-2.5TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66150-2.5TA3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66150-2.5TA3T Datasheet HTML 11Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Note 1: Maximum positive supply voltage of 60V must be of limited duration (<100msec) and duty cycle ( 1%).
The maximum continuous supply voltage is 26V.
Note 2: Full Load current (I ) is defined as 1.5A for the GM66150 series.
FL
Note 3: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with
V
+ 1V applied to V
OUT
IN
Note 4: V
= V
(nominal) + 1V. For example, use V = 4.3V for a 3.3V regulator or use 6V for a 5V regulator. Employ pulse-testing
IN
OUT
IN
procedures to minimize temperature rise.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current
plus the ground pin current.
Note 6: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 7: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a 200mA load pulse at V
= 20V (a 4W pulse) for T = 10ms.
IN
Note 8: V
V
(V
-1V), 2.3V
V
26V, 10mA < I
I , T
T
.
REF
OUT
IN
IN
L
FL
J
J MAX
Note 9: Comparator thresholds are expressed in terms of a voltage differential at the Adjust terminal below the nominal reference
voltage measured at 6V input. To express these thresholds in terms of output voltage change, multiply by the error amplifier
gain = V
/ V
= (R1 + R2)/ R2. For example, at a programmed output voltage of 5V, the Error output is guaranteed to go
OUT
REF
low when the output drops by 95 mV x 5V/1.240 V = 384 mV. Thresholds remain constant as a percent of V
as V
is
OUT
OUT
varied, with the dropout warning occurring at typically 5% below nominal, 7.7% guaranteed.
Note 10: V
0.8V and V
26V, V
= 0.
EN
IN
OUT
Note 11: When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage must be
diode clamped to ground.
7


Similar Part No. - GM66150-2.5TA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66150-2.5TA3T GAMMA-GM66150-2.5TA3T Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-2.5TA3TG GAMMA-GM66150-2.5TA3TG Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66150-2.5TA3T

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Power Analog Micoelectr...
PAM3108 PAM-PAM3108 Datasheet
431Kb / 10P
   Maximum 1.5A, Ultra Low Dropout Regulator
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com