Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66102-2.5ST3T Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM66102-2.5ST3T
Description  1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66102-2.5ST3T Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM66102-2.5ST3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM66102-2.5ST3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66102-2.5ST3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66102-2.5ST3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66102-2.5ST3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66102-2.5ST3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66102-2.5ST3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66102-2.5ST3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66102-2.5ST3T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
PARAMETER
SYMBOL
Value
UNIT
Internally limited
W
Input Supply Voltage (Note 1.)
V
IN
-20 to +60
V
Lead Temperature (Soldering, 5 sec )
Storage Temperature Range
T
LEAD
T
STG
260
-65 to +150
°C
°C
Power Dissipation
P
D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
Value
UNIT
26
V
Operating Junction Temperature Range
T
J
-40 to +125
°C
Thermal Resistance (Junction to case)
TO- 223
TO- 252
TO- 263
TO- 220
R
qJC
15
6.0
2.0
2.0
°C/W
Maximum Operating Input Voltage
V
IN
OPERATING RATINGS
BLOCK DIAGRAM
+
-
V
IN
1.24V
Ref.
28V
R1
R2
V
OUT
GND
Thermal
Shut-down
O.V.
ILimit


Similar Part No. - GM66102-2.5ST3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66102S8RG GAMMA-GM66102S8RG Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66102-2.5ST3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com