Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66150-1.8TB3T Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM66150-1.8TB3T
Description  1.5A ULTRA LOW-DROPOUT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66150-1.8TB3T Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM66150-1.8TB3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66150-1.8TB3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66150-1.8TB3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66150-1.8TB3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66150-1.8TB3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66150-1.8TB3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66150-1.8TB3T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM66150-1.8TB3T Datasheet HTML 12Page - Gamma Microelectronics Inc. GM66150-1.8TB3T Datasheet HTML 13Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
APPLICATION INFORMATION
The GM66150 series is high performance with low-
dropout voltage regulators, suitable for all moderate to
high-current voltage regulator applications. Their
350mV dropout voltage at full load makes them espe-
cially valuable in battery powered systems and as high
efficiency noise filters in "post-regulator" applications.
Unlike older NPN-pass transistor designs, for which
where the minimum dropout voltage is limited by the
base-emitter voltage drop and collector-emitter satura-
tion voltage, dropout performance of the PNP output of
these devices is limited merely by the low V
satura-
CE
tion voltage. A trade-off for the low dropout voltage is a
varying base drive requirement. But, Gamma's PNP
process reduces this drive requirement to merely 1% of
the load current.
The GM66150 series of regulators is fully protected
from damage due to fault conditions. Current limiting is
provided. This limiting is linear, and output current un-
der overload conditions is constant. Thermal shutdown
disables the device when the die temperature exceeds
the 125°C maximum safe operating temperature.
Transient protection allows device (and load) survival
even when the input voltage spikes between -20V and
+60V. When the input voltage exceeds about 35V to
40V, the overvoltage sensor temporarily disables the
regulator. The output structure of these regulators al-
lows voltages in excess of the desired output voltage to
be applied without reverse current flow. GM66151 and
GM66152 versions offer a logic level ON/OFF control:
when disabled, the devices draw nearly zero current.
An additional feature of this regulator family is a com-
mon pinout: a design's current requirement may
change up or down yet use the same board layout, as
all of these regulators have identical pinouts.
+
+
VIN
IN
OUT
GND
VOUT
Figure 10. Linear regulators require only two
capacitors for operation.
Thermal Design
Linear regulators are simple to use. The most com-
plicated design parameters to consider are thermal
characteristics. Thermal design requires the follow-
ing application-specific parameters:
Maximum ambient temperature, T
A
Output Current, I
OUT
Output Voltage, V
OUT
Input Voltage, V
IN
First, we calculate the power dissipation of the regu-
lator from these numbers and the device parameters
from this formula:
where the ground current is approximated by 1% of
I.
OUT
Then the heat sink thermal resistance is determined
with this formula:
where T
125°C and q
is between 0 and
J(MAX)
CS
2°C/W. The heat sink may be significantly reduced in
applications where the minimum input voltage is
known and is large compared with the dropout volt-
age. Use a series input resistor to drop excessive
voltage and distribute the heat between this resistor
and the regulator. The low dropout properties of
Gamma PNP regulators allow very significant reduc-
tions in regulator power dissipation and the associ-
ated heat sink without compromising performance.
When this technique is employed, a capacitor of at
least 0.1µF is needed directly between the input and
regulator ground.
P = I
(1.01V
- V
)
D
OUT
IN
OUT
q
=
(q
SA
JC + q
)
CS
T
- TA
J(MAX)
P
D
9


Similar Part No. - GM66150-1.8TB3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66150-1.8TB3T GAMMA-GM66150-1.8TB3T Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-1.8TB3TG GAMMA-GM66150-1.8TB3TG Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66150-1.8TB3T

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Power Analog Micoelectr...
PAM3108 PAM-PAM3108 Datasheet
431Kb / 10P
   Maximum 1.5A, Ultra Low Dropout Regulator
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com