Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM432AST25RL Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM432AST25RL
Description  1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM432AST25RL Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM432AST25RL Datasheet HTML 4Page - Gamma Microelectronics Inc. GM432AST25RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM432AST25RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM432AST25RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM432AST25RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM432AST25RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM432AST25RL Datasheet HTML 10Page - Gamma Microelectronics Inc. GM432AST25RL Datasheet HTML 11Page - Gamma Microelectronics Inc. GM432AST25RL Datasheet HTML 12Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Stability Boundary Conditions
A Note About Stability
When using the GM432 as a shunt regulator, you can
optimize stability by setting C either (1) no load ca-
L
pacitance across the GM432, decouple at the load; or
(2) large capacitance across the GM432, optional de-
coupling at the load. The GM432 can become unsta-
ble with capacitances of approximately 10nF to 1µF
when cathode currents are less than 3mA or so, with
instability increasing as cathode current is reduced.
So, while the GM432 is happily stable at, for example,
cathode current of 10mA with a 0.1µF capacitor
across it, it can oscillate transiently as the cathode cur-
rent rises through the region of instability. To avoid
this problem completely, simply eliminate the capaci-
tor or select a very low or very high (e.g. 10µF) capac-
itor C . Since you will probably want local decoupling
L
at the load, the best idea is to use no capacitance
across the device. Just the resistance and capaci-
tance of the PCB traces and vias will prevent local
load decoupling from causing transient oscillation dur-
ing start-up. If you place the GM432 right next to the
load, with the load decoupling capacitor directly
across it, you must use a capacitor of
nF or
10µF.
+
_
R
GM432
R1
R2
CL
IK
C - Load Capacitance - µF
L
Tantalum Capacitors
* Stability boundary condition test shows that tantalum capacitors
are recommended to minimize the conditions that may cause
the device to oscillate.
16
14
12
10
8
6
4
2
0
0.001
0.01
0.1
1
10
C
- Load Capacitance - µF
L
Tantalum Capacitors
T =25°C
A
V=V
KA
ref
Stable
V =2V
KA
V =3V
KA
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1
10
For V
= 2 & 3V
KA
Device does not
Oscillate
T =25°C
A
Stable
V=V
KA
ref
8
A
A
MICROELECTRONICS
GM432
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Power Management


Similar Part No. - GM432AST25RL

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432AST23RG GAMMA-GM432AST23RG Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - GM432AST25RL

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com