Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66500-2.5TA3T Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM66500-2.5TA3T
Description  5A ULTRA LOW - DROPOUT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66500-2.5TA3T Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM66500-2.5TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66500-2.5TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66500-2.5TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66500-2.5TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66500-2.5TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66500-2.5TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66500-2.5TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66500-2.5TA3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66500-2.5TA3T Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
TO-263-2 PACKAGE OUTLINE DIMENSIONS
TO-263-5 PACKAGE OUTLINE DIMENSIONS
Pad Layout
9
3.8
1.07
Units: mm
17.5
1.7
Pad Layout
9.90 ± 0.20
15°
0.40
1.50 DP0.20
9.20 ± 0.20
4.90 ± 0.20
15.3 ± 0.20
1.27 ± 0.10
0.90 ± 0.10
2.54 TYP
(2.54 ± 0.20)
1.4 ± 0.20
4.50 ± 0.20
1.30
+0.1
-0.05
0.10 ± 0.01
2.40 ± 0.20
2.00 ± 0.10
R0.30
R0.30
2.54 ± 0.10
0.50
+0.1
-0.05
4.0
7.0
10.0 ± 0.20
0.40
0.90
7.2
9.20 ± 0.20
4.90 ± 0.20
Unit: mm
10.00 ± 0.20
0.33
8.38
0.63
17.02
0.12
3.05
0.04
1.016
0.24
6.096
0.42
10.66
Inches
mm
(
)
9.90
15'
0.40
1.50 DP0.20
9.20
4.90
15.3
0.80
1.70 TYP
(1.70 ± 0.20)
4.50
1.30
0.10
2.40
2.00
R0.30
R0.30
2.54
0.50
4.40
7.0
10.0
0.40
R 0.45
7.2
9.20
4.90
Unit: mm
10.00
4.60
1.20
1.20
0.75
8.0
1.75
R 0.45
15.30
R 0.3
0.75
R 0.3
1.20
0.90
A
A
MICROELECTRONICS
GM66500 SERIES
5A ULTRA LOW - DROPOUT REGULATOR
Power Management


Similar Part No. - GM66500-2.5TA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-1.8ST25RG GAMMA-GM6655-1.8ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.0ST25RG GAMMA-GM6655-2.0ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.5ST25RG GAMMA-GM6655-2.5ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.7ST25RG GAMMA-GM6655-2.7ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
More results

Similar Description - GM66500-2.5TA3T

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8955 A-POWER-APE8955 Datasheet
541Kb / 8P
   5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7585 ETC1-AMC7585 Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC7585 ADDTEK-AMC7585 Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5950 ANPEC-APL5950 Datasheet
385Kb / 22P
   5A, Ultra Low Dropout (0.15V Typical) Linear Regulator
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com