Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1431AS8RL Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM1431AS8RL
Description  ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1431AS8RL Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM1431AS8RL Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 10Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 11Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
TYPICAL APPLICATIONS
GM1431A, GM1431B
Figure 3. Output Control for a Three
Terminal Fixed Regulator
R1
R2
GM 7805
In
Out
Common
V
= V
+ 5.0V
out(min)
ref
V
=( +
)
out
1
R1
R2
Vref
Vin
Vout
Series Pass Regulator
Figure 4.
Vin
Vout
R1
R2
Figure 1. Shunt Regulator
Vin
R1
R2
V
=( +
)
out
1
R1
R2
Vref
Vout
Figure 2. High Current Shunt Regulator
R1
R2
V
=( +
)
out
1
R1
R2
Vref
Vin
Vout
Constant Current Source
Figure 5.
RCL
Vin
I=
out
Vref
RCL
Iout
Vout
Figure 6. Constant Current Sink
Vin
I
=
sink
Vref
RS
Isink
RS
Figure 7. TRIAC Crowbar
R1
R2
Vin
Vout
V
=( +
)
out(trip)
1
R1
R2
Vref
Figure 8. SCR Crowbar
R2
R1
V
=( +
)
out(trip)
1
Vref
R1
R2
Vin
Vout
V
=( +
)
out
1
R1
R2
Vref
V
= V
+ V
2.0V
out(min)
ref
be
A
A
MICROELECTRONICS
GM1431
ADJUSTABLE SHUNT REGULATOR
Power Management


Similar Part No. - GM1431AS8RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1431AS8R ETC-GM1431AS8R Datasheet
300Kb / 13P
   Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
More results

Similar Description - GM1431AS8RL

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com