Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66301-2.5TA5T Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM66301-2.5TA5T
Description  3A ULTRA LOW-DROPOUT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66301-2.5TA5T Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM66301-2.5TA5T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM66301-2.5TA5T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66301-2.5TA5T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66301-2.5TA5T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66301-2.5TA5T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66301-2.5TA5T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66301-2.5TA5T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66301-2.5TA5T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66301-2.5TA5T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
TYPICAL CHARACTERISTICS
400
350
300
250
200
150
100
50
0
Output Current (mA)
Figure 1. Dropout Voltage vs. Output
Current
600
500
400
300
200
100
0
-40 -20
0
20
40
60
80 100 120
Temperature (°C)
Figure 2. Dropout Voltage vs.
Temperature
2.8
2.6
2.4
2.2
2
1.8
1.6
1.4
1.2
Input Voltage(V)
Figure 3. Dropout Characteristics
I
= 100mA
LOAD
100
90
80
70
60
50
40
30
20
10
0
0
2
4
6
8
10
12
Supply Voltage (V)
Figure 4. Ground Current
vs. Supply Voltage
8
7
6
5
4
3
2
1
0
-40 -20
0
20
40
60
80
100 120
Temperature (°C)
Figure 5. Ground Current
vs. Temperature
25
20
15
10
5
0
Temperature (°C)
Figure 6. Ground Current
vs. Temperature
60
50
40
30
20
10
0
Temperature (°C)
Figure 7. Ground Current
vs. Temperature
Temperature (°C)
Figure 8. Short Circuit Current
vs. Temperature
6
5
4
3
2
1
0
Figure 9. Error Flag Pull-up
Resistor
V
= 1.8V
OUT
V
= 2.5V
OUT
V
= 1.8V
OUT
V
= 2.5V
OUT
I
= 3A
LOAD
I
= 1.5A
LOAD
I
= 1500mA
LOAD
V
= 2.5V
OUT
V
= 1.8V
OUT
-40
-20
0
20
40
60
80 100 120
V
= 2.5V
OUT
V
= 1.8V
OUT
-40 -20
0
20
40
60
80 100 120
V
= 2.5V
OUT
V
= 1.8V
OUT
I
= 3000A
LOAD
6
5
4
3
2
1
0
-40 -20
0
20
40
60
80 100 120
Typical 2.5V Device
Typical 1.8V Device
Flag High (OK)
Flag Low (Fault)
Resistance (k )
V
= V
+ 1V
IN
OUT (NOM)
V
=0
OUT
0
1000
2000
3000
1.2
1.6
2.0
2.4
2.8
3.2
3.6
I
= 3000mA
LOAD
I
= 1000mA
LOAD
I
= 10mA
LOAD
I
= 1500mA
LOAD
0.01 0.1
1
10
100
1000 10000
V
=5V
IN
I
= 3.0A
LOAD


Similar Part No. - GM66301-2.5TA5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66301-2.5TA5T GAMMA-GM66301-2.5TA5T Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66301-2.5TA5TG GAMMA-GM66301-2.5TA5TG Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66301-2.5TA5T

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
logo
Alpha & Omega Semicondu...
AOZ2003 AOSMD-AOZ2003 Datasheet
1Mb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
   3A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8973 A-POWER-APE8973_14 Datasheet
354Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_16 Datasheet
115Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com