Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM5511N-2.9ST23R Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM5511N-2.9ST23R
Description  STANDARD VOLTAGE DETECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5511N-2.9ST23R Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM5511N-2.9ST23R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM5511N-2.9ST23R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM5511N-2.9ST23R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5511N-2.9ST23R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5511N-2.9ST23R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5511N-2.9ST23R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5511N-2.9ST23R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM5511N-2.9ST23R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM5511N-2.9ST23R Datasheet HTML 11Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Notes on Use
1. When a resistor is connected between the V
pin and the input with CMOS output configurations, oscillation may
IN
occur as a result of voltage drops at R
if load current (I
) exists.
IN
OUT
2. When a resistor is connected between the V
pin and the input with CMOS output configurations, irrespective of
IN
Nch output configurations, oscillation may occur as a result of through current at the time of voltage release even if
load current (I
) does not exist.
OUT
3. With a resistor connected between the V
pin and the input, detect and release voltage will rise as a result of the
IN
IC's supply current flowing through the V
pin.
IN
4. In order to stabilise the IC's operations, please ensure that V
pin's input frequency's rise and fall times are more
IN
than several µ sec/ V.
(Refer to N.B 1- (1) below)
(Refer to N.B 1- (2) below)
N. B.
1. Oscillation
(1) Output current oscillation with the CMOS output configuration
When the voltage applied at IN rises, release operations commence and the detector's output voltage increases.
Load current (I
) will flow at R . Because a voltage drop (R
x I
) is produced at the R
resistor, located
OUT
L
IN
OUT
IN
between the input (I ) and the V
pin, the load current will flow via the IC's V
pin. The voltage drop will also
N
IN
IN
lead to a fall in the voltage level at the V
pin. When the V
pin voltage level falls below the detect voltage level,
IN
IN
detect operations will commence. Following detect operations, load current flow will cease and since voltage drop at
R
will disappear, the voltage level at the V
pin will rise and release operations will begin over again.
IN
IN
Oscillation may occur with this "release" repetition.
Further, this condition will also appear via means of a similar mechanism during detect operations.
(2) Oscillation as a result of through current
Since the GM5511 series are CMOS IC's, through current will flow when the IC's internal circuit switching operates
(during release and detect operations). Consequently, oscillation is liable to occur as a result of drops in voltage at the
through current's resistor (R ) during release voltage operations. (Refer to diagram2)
IN
Since hysteresis exists during detect operations, oscillation is unlikely to occur.
GM5511C
V
IN
R
IN
I
OUT
Input
R
X I
IN
OUT
Voltage drop
V
SS
V
OUT
GM5511N
GM5511C
V
IN
R
IN
Input
R
X I
*
IN
SS
Voltage drop
V
SS
V
OUT
I
*
SS
(Includes through current)
GM5511N
V
IN
V
SS
V
OUT
C
R
IN
Diagram: Circuit using an input resistor


Similar Part No. - GM5511N-2.9ST23R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5510 GAMMA-GM5510 Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-1.8ST23R GAMMA-GM5510C-1.8ST23R Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5510C-1.8ST23R GAMMA-GM5510C-1.8ST23R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-1.8ST23RG GAMMA-GM5510C-1.8ST23RG Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
More results

Similar Description - GM5511N-2.9ST23R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com