Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7130-15TA5R Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GM7130-15TA5R
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130-15TA5R Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GM7130-15TA5R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7130-15TA5R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130-15TA5R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130-15TA5R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130-15TA5R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130-15TA5R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130-15TA5R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130-15TA5R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130-15TA5R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ABSOLUTE MAXIMUM RATINGS
V
Output Voltage to Ground (Steady State)
Power Dissipation
Storage Temperature Range
Maximum Junction Temperature
Minimum ESD Rating (C=100pF, R=1.5kW)
Lead Temperature (Soldering, 10 seconds)
kV
°C
°C
°C
Maximum Supply Voltage
Operating Temperature Range
Rating
Value
Unit
ON/OFF Pin Input Voltage
45
-0.3 V V
IN
Internally Limited
-65 to + 150
+150
2
+260
-1.0
V
V
-
1
+
5
3
4
2
1.23V
Band-Gap
Reference
52kHz
Oscillator
Reset
Thermal
Shutdown
Current
Limit
Feed-
back
VIN
+
-
+
-
Fixed Gain
Error AMP
Comparator
Driver
3 AMP
Switch
Internal
Regulator
ON/OFF
ON/OFF
Output
L1
D1
GND
Cout
+
L
O
A
D
BLOCK DIAGRAM
Unregulated
DC Input
C
IN
3
°C
-40
TJ 125
R2
1.0K
R1
VOUT
OPERATING RATINGS
Rating
Value
Unit
Supply Voltage
V
40
A
A
MICROELECTRONICS
GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Power Management


Similar Part No. - GM7130-15TA5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7130-15TA5R ETC1-GM7130-15TA5R Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
More results

Similar Description - GM7130-15TA5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com