Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7110-15TA5R Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GM7110-15TA5R
Description  1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7110-15TA5R Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GM7110-15TA5R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7110-15TA5R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7110-15TA5R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7110-15TA5R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7110-15TA5R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7110-15TA5R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7110-15TA5R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7110-15TA5R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7110-15TA5R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
1
+
5
3
4
2
1.23V
Band-Gap
Reference
52kHz
Oscillator
Reset
Thermal
Shutdown
Current
Limit
Feed-
back
VIN
+
-
+
-
Fixed Gain
Error AMP
Comparator
Driver
1 AMP
Switch
Internal
Regulator
ON/OFF
ON/OFF
Output
L1
D1
GND
C
out
+
L
O
A
D
BLOCK DIAGRAM
Unregulated
DC Input
C
IN
V
Output Voltage to Ground (Steady State)
Power Dissipation
Storage Temperature Range
Maximum Junction Temperature
Lead Temperature (Soldering, 10 sec.)
°C
°C
°C
Maximum Supply Voltage
VALUE
UNIT
ON/OFF Pin Input Voltage
45
-0.3
V V
IN
Internally Limited
-65 to + 150
+150
+260
-1.0
V
V
-
3
R2
1.0K
R1
VOUT
VOUT
3.3V, R2 = 1.7K
5V, R2 = 3.1K
12V, R2 = 8.84K
15V, R2 = 11.3K
For ADJ. Version
R1 = Open, R2 = 0W
RECOMMENDED OPERATING CONDITIONS
Temperature Range
VALUE
UNIT
Supply Voltage
40
V
-40
TJ 125
°C
PARAMETER
PARAMETER
A
A
MICROELECTRONICS
GM7110
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Power Management


Similar Part No. - GM7110-15TA5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7110-15TA5R ETC-GM7110-15TA5R Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results

Similar Description - GM7110-15TA5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com