Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7130-3.3TB5R Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM7130-3.3TB5R
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130-3.3TB5R Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM7130-3.3TB5R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130-3.3TB5R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130-3.3TB5R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130-3.3TB5R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130-3.3TB5R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130-3.3TB5R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130-3.3TB5R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130-3.3TB5R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7130-3.3TB5R Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating Ratings indicate conditions for which the device is intended to be functional, but do not
guarantee specific performance limits. Guaranteed specifications and Test conditions are shown in
Electrical Characteristics.
Note 2: All limits guaranteed at 25°C (standard type face) and over full operating temperature range (bold
type face). All 25°C limits are 100% production tested. All limits over full operating temperature
range are guaranteed via correlation using standard Statistica Quality Control methods.
Note 3: External components such as the catch diode, inductor, input and output capacitors can affect
switching regulator system performance. When the GM7130 is used as shown in the Figure 1 test
circuit, system performance will be as shown in system parameters section of Electrical
Characteristics.
Note 4: Output pin sourcing current. No diode, inductor or capacitor connected to output.
Note 5: Feedback pin removed from output and connected to 0V.
Note 6: Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V
versions, and +25V for the 12V and 15V versions, to force the output transistor OFF.
Note 7: V
= 40V
IN
Note 8: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package
mounted vertically, with ½ inch leads in a socket, or on a PC board with minimum copper area.
Note 9: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package
mounted vertically, with ¼ inch leads soldered to a PC board containing approximately 4 square
inches of copper area surrounding the leads.
Note 10: If the TO-263 package is used, the thermal resistance can be reduced by increasing the PC board
Copper area thermally connected to the package. Using 0.5 square inches of copper area, q
is
JA
50°C//W, with 1 square inch of copper area, q
is 37°C/W, and with 1.6 or more square inches of
JA
copper area, q is 32°C/W.
JA
Note 11: The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an
Overload which causes the regulated output voltage to drop approximately 40% from the nominal
output voltage. This self- protection feature lowers the Average power dissipation of GM7130
by lowering the minimum duty cycle from 5% down to approximately 2%.
6
A
A
MICROELECTRONICS
GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Power Management


Similar Part No. - GM7130-3.3TB5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7130-3.3TB5BT ETC1-GM7130-3.3TB5BT Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
GM7130-3.3TB5T ETC1-GM7130-3.3TB5T Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
More results

Similar Description - GM7130-3.3TB5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com